Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMGZ5221BPT Datasheet(PDF) 5 Page - Chenmko Enterprise Co. Ltd.

Part No. MMGZ5221BPT
Description  SILICON PLANAR POWER ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENMKO [Chenmko Enterprise Co. Ltd.]
Homepage  http://www.chenmko.com
Logo 

MMGZ5221BPT Datasheet(HTML) 5 Page - Chenmko Enterprise Co. Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RATING CHARACTERISTIC CURVES ( MMGZ5221BPT THRU MMGZ5270BPT )
FIG. 6 - TYPICAL LEAKAGE CURRENT
FIG. 5 - TYPICAL CAPACITANCE
FIG. 7 - ZENER VOLTAGE VERSUS ZENER CURRENT
(VZ UP TO 12V)
FIG. 8 - ZENER VOLTAGE VERSUS ZENER CURRENT
(12V TO 91V)
VZ NOMINAL ZENER VOLTAGE ( V )
VZ ZENER VOLTAGE ( V )
VZ NOMINAL ZENER VOLTAGE ( V )
VZ ZENER VOLTAGE ( V )
100
Figure 5. T
1000
100
10
1
10
1
12
Z
100
10
1
0.1
0.01
10
8
6
4
2
0
100
10
1
0.1
0.01
10
30
50
70
90
90
Figure 6. Typical Leakage Current
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
80
70
60
50
40
30
20
10
0
Figure 7. Zener Voltage versus Zener Current
(VZ Up to 12 V)
Figure 8. Zener Voltage versus Zener Current
(12 V to 91 V)
0 V BIAS
1 V BIAS
BIAS AT
50% OF VZ NOM
TA=25
oC
TA=25
oC
TA=25
oC
150
oC
25
oC
-55
oC


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX79C2V7PTSILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 51V 1 2 3 Chenmko Enterprise Co. Ltd.
BZX85C2V7PTSILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.7V TO 200V 1 2 3 4 Chenmko Enterprise Co. Ltd.
CHPZ3V6PTSILICON PLANAR POWER ZENER DIODES 1 2 3 Chenmko Enterprise Co. Ltd.
MMCZ5221BPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.
MMCZ5221SPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.
1N4728ASilicon Planar Zener Diodes for Stabilized Power Supply 1 2 3 4 5 MoreRenesas Technology Corp
HZK-LSilicon Epitaxial Planar Zener Diodes for Stabilized Power Supply 1 2 3 4 5 MoreRenesas Technology Corp
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
1N4728PTSILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 3.3V TO 100V 1 2 3 Chenmko Enterprise Co. Ltd.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn