Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMGZ5221BPT Datasheet(PDF) 4 Page - Chenmko Enterprise Co. Ltd.

Part No. MMGZ5221BPT
Description  SILICON PLANAR POWER ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENMKO [Chenmko Enterprise Co. Ltd.]
Homepage  http://www.chenmko.com
Logo 

MMGZ5221BPT Datasheet(HTML) 4 Page - Chenmko Enterprise Co. Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RATING CHARACTERISTIC CURVES ( MMGZ5221BPT THRU MMGZ5270BPT )
FIG. 2 - TEMPERATURE COEFFICIENTS)
(TEMPERATURE RANGE 55
oC TO +150oC)
FIG. 1 - TEMPERATURE COEFFICIENTS)
(TEMPERATURE RANGE 55
oC TO +150oC)
FIG. 3 - EFFECT OF ZENER VOLTAGE ON
ZENER IMPEDANCE
FIG. 4 - TYPICAL FORWARD VOLTAGE
-3
-2
-1
0
1
2
3
4
5
6
7
8
12
11
10
9
8
7
6
5
4
3
2
100
10
1
10
100
100
10
1
1000
100
10
1
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1
75V (MMGZ5267BPT)
91V (MMGZ5270BPT)
VZ NOMINAL ZENER VOLTAGE ( V )
VZ NOMINAL ZENER VOLTAGE ( V )
TYPICAL TC VALUES
FOR MMGZ5221BPT SERIES
VZ NOMINAL ZENER VOLTAGE ( V )
VF FORWARD VOLTARGE ( V )
VZ @ IZT
TYICAL TC VALUES
FOR MMGZ5221BPT SERIES
VZ @ IZT
IZ= 1mA
5mA
20mA
TJ=25
oC
IZ(AC)=0.1IZ(DC)
f=1KHZ
150
oC
75
oC
25
oC
0
oC


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX79C2V7PTSILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 51V 1 2 3 Chenmko Enterprise Co. Ltd.
BZX85C2V7PTSILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.7V TO 200V 1 2 3 4 Chenmko Enterprise Co. Ltd.
CHPZ3V6PTSILICON PLANAR POWER ZENER DIODES 1 2 3 Chenmko Enterprise Co. Ltd.
MMCZ5221BPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.
MMCZ5221SPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.
1N4728ASilicon Planar Zener Diodes for Stabilized Power Supply 1 2 3 4 5 MoreRenesas Technology Corp
HZK-LSilicon Epitaxial Planar Zener Diodes for Stabilized Power Supply 1 2 3 4 5 MoreRenesas Technology Corp
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
1N4728PTSILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 3.3V TO 100V 1 2 3 Chenmko Enterprise Co. Ltd.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn