Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC848CLT1 Datasheet(PDF) 4 Page - Motorola, Inc

Part # BC848CLT1
Description  CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC848CLT1 Datasheet(HTML) 4 Page - Motorola, Inc

  BC848CLT1 Datasheet HTML 1Page - Motorola, Inc BC848CLT1 Datasheet HTML 2Page - Motorola, Inc BC848CLT1 Datasheet HTML 3Page - Motorola, Inc BC848CLT1 Datasheet HTML 4Page - Motorola, Inc BC848CLT1 Datasheet HTML 5Page - Motorola, Inc BC848CLT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BC846ALT1, BLT1 BC847ALT1, BLT1, CLT1 thru BC850ALT1, BLT1, CLT1
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
BC846
Figure 11. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
40
Figure 12. Current–Gain – Bandwidth Product
IC, COLLECTOR CURRENT (mA)
0.1
0.2
1.0
50
2.0
2.0
10
100
100
200
500
50
20
20
10
6.0
4.0
1.0
10
50 100
5.0
VCE = 5 V
TA = 25°C
0.5
5.0
20
TA = 25°C
Cob
Cib


Similar Part No. - BC848CLT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC848CLT1 ONSEMI-BC848CLT1 Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
logo
Leshan Radio Company
BC848CLT1 LRC-BC848CLT1 Datasheet
183Kb / 4P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
BC848CLT1G ONSEMI-BC848CLT1G Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
BC848CLT1G ONSEMI-BC848CLT1G Datasheet
137Kb / 13P
   General Purpose Transistors
October, 2010 ??Rev. 10
BC848CLT1G ONSEMI-BC848CLT1G Datasheet
178Kb / 13P
   General Purpose Transistors
November, 2011 ??Rev. 11
More results

Similar Description - BC848CLT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC856ALT1 MOTOROLA-BC856ALT1 Datasheet
249Kb / 8P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
BC81716LT1 MOTOROLA-BC81716LT1 Datasheet
90Kb / 4P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
BAL99LT1 MOTOROLA-BAL99LT1 Datasheet
70Kb / 4P
   CASE 318-08, STYLE 18 SOT-23 (TO-236AB)
BAS4006LT1 MOTOROLA-BAS4006LT1 Datasheet
76Kb / 4P
   CASE 318-08, STYLE 11 SOT-23 (TO-236AB)
BAS21LT1 MOTOROLA-BAS21LT1 Datasheet
66Kb / 4P
   CASE 318 08, STYLE 8 SOT 23 (TO 236AB)
BAS40LT1 MOTOROLA-BAS40LT1 Datasheet
73Kb / 4P
   CASE 318-08, STYLE 8 SOT-23 TO-236AB
2N7002LT1 MOTOROLA-2N7002LT1 Datasheet
94Kb / 6P
   CASE 318-08, STYLE 21 SOT-23 (TO-236AB)
BAS4004LT1 MOTOROLA-BAS4004LT1 Datasheet
75Kb / 4P
   CASE 318 08, STYLE 12 SOT 23 (TO 236AB)
BAS7004LT1 MOTOROLA-BAS7004LT1 Datasheet
74Kb / 4P
   CASE 318-08, STYLE 12 SOT-23 TO-236AB
BAS70LT1 MOTOROLA-BAS70LT1 Datasheet
72Kb / 4P
   CASE 318 08, STYLE 8 SOT 23 (TO 236AB)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com