Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHC-CH8ALF-01-49R9-G-A Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # CHC-CH8ALF-01-49R9-G-A
Description  Precision Ceramic Ball Grid Arrays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CHC-CH8ALF-01-49R9-G-A Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  CHC-CH8ALF-01-49R9-G-A Datasheet HTML 1Page - IRC - a TT electronics Company. CHC-CH8ALF-01-49R9-G-A Datasheet HTML 2Page - IRC - a TT electronics Company. CHC-CH8ALF-01-49R9-G-A Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Ratio tolerances to ±0.05%
Absolute tolerances to ±0.1%
RoHS compliant terminations available
Superior TaNFilm® resistors on ceramic substrate
Same footprint as the industry standard SOIC-N package
CHC-Precision Series
Precision Ceramic
Ball Grid Arrays
IRC’s TaNFilm® ceramic Precision Ball Grid Array offers precision tolerances in a ceramic BGA package. In
addition, the TaNFilm® CHC Series provides all the unique qualities of our other TaNFilm® package
configurations.
Precise state-of-the-art laser trimming provides close tolerances and tight ratios. The TaNFilm® process
enables IRC to manufacture custom circuit configurations and multiple resistance values without sacrificing the
tightest tolerance and tracking characteristics of precision networks. The Tantalum Nitride resistor material is
self-passivating for environmental protection surpassing military requirements and guaranteeing exceptional
ratio stability.
For applications requiring a high degree of reliability, stability, accuracy and low noise, plus the advantages of
new resistor configurations, specify the IRC Precision Ceramic Ball Grid Arrays.
Electrical Data
Manufacturing Capabilities
Resistance
Range
Available
Absolute Tolerances
Available Ratio Tolerances
(Ratio to R1)
Best
Absolute TCR
Tracking TCR
(Track to R1)
10
Ω - 25Ω
J G F D C
G F D
±100ppm/°C
±20ppm/°C
25.1
Ω - 50Ω
J G F D C
G F D C
±50ppm/°C
±10ppm/°C
50.1
Ω - 200Ω
J G F D C B
G F D C B
±25ppm/°C
±5ppm/°C
201
Ω - 100KΩ
J G F D C B
G F D C B A
±25ppm/°C
±5ppm/°C
Package
Power Rating at 70°C
Temperature Range
Maximum Voltage
Noise
Substrate
Termination
Element
Network
8-Pad
100mW
400mW
-55°C to +150°C
50V
(not to exceed PxR)
< -25dB
99.5%
Alumina
Solder
plated over
nickel barrier
16-Pad
100mW
800mW
CHC-Precision Series Issue May 2009 Sheet 1 of 3


Similar Part No. - CHC-CH8ALF-01-49R9-G-A

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CHC-CH8ALF-01-49R9-GA TTELEC-CHC-CH8ALF-01-49R9-GA Datasheet
389Kb / 3P
   Precision Ceramic Ball Grid Arrays
CHC-CH8ALF-01-49R9-GB TTELEC-CHC-CH8ALF-01-49R9-GB Datasheet
389Kb / 3P
   Precision Ceramic Ball Grid Arrays
CHC-CH8ALF-01-49R9-GD TTELEC-CHC-CH8ALF-01-49R9-GD Datasheet
389Kb / 3P
   Precision Ceramic Ball Grid Arrays
CHC-CH8ALF-01-49R9-GF TTELEC-CHC-CH8ALF-01-49R9-GF Datasheet
389Kb / 3P
   Precision Ceramic Ball Grid Arrays
More results

Similar Description - CHC-CH8ALF-01-49R9-G-A

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CHC-CH8A-03-1002-BB TTELEC-CHC-CH8A-03-1002-BB Datasheet
389Kb / 3P
   Precision Ceramic Ball Grid Arrays
CHC TTELEC-CHC_17 Datasheet
1Mb / 4P
   Ceramic Ball Grid Termination Arrays
logo
IRC - a TT electronics ...
CHC IRCTT-CHC Datasheet
1Mb / 4P
   Ceramic Ball Grid Termination Arrays
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
   Ball Grid Array Packaging
04.24.14
logo
Vishay Siliconix
PRA100 VISHAY-PRA100 Datasheet
249Kb / 4P
   High Precision Resistor Arrays
Revision: 23-Jan-07
PR100 VISHAY-PR100 Datasheet
111Kb / 4P
   High Precision Resistor Arrays
Revision: 10-Apr-08
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array
logo
American Accurate Compo...
CTN1A-C-1003ATPLM AAC-CTN1A-C-1003ATPLM Datasheet
126Kb / 2P
   Ultra Precision Resistor Arrays & Networks
logo
RCD COMPONENTS INC.
STF2020A-1000-BQ25W RCD-STF2020A-1000-BQ25W Datasheet
34Kb / 1P
   PRECISION THIN FILM CHIP ARRAYS
logo
Yamaichi Electronics Co...
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
   Ball Grid Array (FBGA / CSP / LGA)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com