Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHC-CH4ALF-01-1002-G-A Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # CHC-CH4ALF-01-1002-G-A
Description  Precision Ceramic Ball Grid Arrays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CHC-CH4ALF-01-1002-G-A Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  CHC-CH4ALF-01-1002-G-A Datasheet HTML 1Page - IRC - a TT electronics Company. CHC-CH4ALF-01-1002-G-A Datasheet HTML 2Page - IRC - a TT electronics Company. CHC-CH4ALF-01-1002-G-A Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Environmental Data
Power Derating Curve
Environmental Test Per
MIL-PRF-83401
Maximum
ΔR
Typical
ΔR
Thermal Shock And
Power Conditioning
±0.1%
±0.02%
Low Temperature
Operation
±0.05%
±0.02%
Short-time Overload
±0.05%
±0.02%
Moisture Resistance
±0.1%
±0.03%
Shock
±0.1%
±0.03%
Vibration
±0.1%
±0.03%
Life
±0.1%
±0.03%
High Temperature
Exposure
±0.1%
±0.03%
Low Temperature
Storage
±0.05%
±0.01%
25°
70°
150°
100
50
10
Temperature in °C
Precision Ceramic
Ball Grid Arrays
Prefix
CHC -
CH8A
-
03
-
1002
-
B
B
Model
CH4A = 8-pad with 10/90 Sn/Pb terminations
CH4ALF = 8-pad with RoHS compliant
SnAgCu terminations
CH8A = 16-pad with 10/90 Sn/Pb terminations
CH8ALF = 16-pad with RoHS compliant
SnAgCu terminations
TCR Code
01 = ±100 ppm/°C Commercial Grade
02 = ±50 ppm/°C Commercial Grade
03 = ±25 ppm/°C Commercial Grade
Resistor Code
4-digit resistance code
Example: 1002 = 10K
Ω; 49R9 = 49.9Ω
Absolute Tolerance Code
J = ±5%; G = ±2%; F = ±1%; D = ±0.5%; C = ±0.25%; B = ±0.1%
Optional R1 Ratio Tolerance Code
F = ±1%; D = ±0.5%; B = ±0.1%; A = ±0.05%
For additional information or to discuss your specific requirements.
please contact our Applications Team using the contact details below.
Ordering Data
CHC-Precision Series Issue May 2009 Sheet 3 of 3


Similar Part No. - CHC-CH4ALF-01-1002-G-A

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CHC-CH4ALF-01-1002-GA TTELEC-CHC-CH4ALF-01-1002-GA Datasheet
389Kb / 3P
   Precision Ceramic Ball Grid Arrays
CHC-CH4ALF-01-1002-GB TTELEC-CHC-CH4ALF-01-1002-GB Datasheet
389Kb / 3P
   Precision Ceramic Ball Grid Arrays
CHC-CH4ALF-01-1002-GD TTELEC-CHC-CH4ALF-01-1002-GD Datasheet
389Kb / 3P
   Precision Ceramic Ball Grid Arrays
CHC-CH4ALF-01-1002-GF TTELEC-CHC-CH4ALF-01-1002-GF Datasheet
389Kb / 3P
   Precision Ceramic Ball Grid Arrays
More results

Similar Description - CHC-CH4ALF-01-1002-G-A

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CHC-CH8A-03-1002-BB TTELEC-CHC-CH8A-03-1002-BB Datasheet
389Kb / 3P
   Precision Ceramic Ball Grid Arrays
CHC TTELEC-CHC_17 Datasheet
1Mb / 4P
   Ceramic Ball Grid Termination Arrays
logo
IRC - a TT electronics ...
CHC IRCTT-CHC Datasheet
1Mb / 4P
   Ceramic Ball Grid Termination Arrays
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
   Ball Grid Array Packaging
04.24.14
logo
Vishay Siliconix
PRA100 VISHAY-PRA100 Datasheet
249Kb / 4P
   High Precision Resistor Arrays
Revision: 23-Jan-07
PR100 VISHAY-PR100 Datasheet
111Kb / 4P
   High Precision Resistor Arrays
Revision: 10-Apr-08
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array
logo
American Accurate Compo...
CTN1A-C-1003ATPLM AAC-CTN1A-C-1003ATPLM Datasheet
126Kb / 2P
   Ultra Precision Resistor Arrays & Networks
logo
RCD COMPONENTS INC.
STF2020A-1000-BQ25W RCD-STF2020A-1000-BQ25W Datasheet
34Kb / 1P
   PRECISION THIN FILM CHIP ARRAYS
logo
Yamaichi Electronics Co...
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
   Ball Grid Array (FBGA / CSP / LGA)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com