Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS3637 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS3637
Description  Remote Control Transmitter/Receiver
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3637 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS3637 Datasheet HTML 3Page - Texas Instruments TMS3637 Datasheet HTML 4Page - Texas Instruments TMS3637 Datasheet HTML 5Page - Texas Instruments TMS3637 Datasheet HTML 6Page - Texas Instruments TMS3637 Datasheet HTML 7Page - Texas Instruments TMS3637 Datasheet HTML 8Page - Texas Instruments TMS3637 Datasheet HTML 9Page - Texas Instruments TMS3637 Datasheet HTML 10Page - Texas Instruments TMS3637 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
1–1
1 Introduction
The TMS3637 is a versatile 3-V to 6-V remote control transmitter/receiver in a small package that requires
no external dual-in-line package (DIP) switches on the system circuit board. The device can be easily set
for one of many transmit/receive configurations using configuration codes along with the desired security
code, both of which are user programmable. When used as a transmitter, the device encodes the stored
security code, transmits it to the remote receiver using any transmission media such as direct wiring,
infrared, or radio frequency. When configured as a receiver, the TMS3637 continuously monitors and
decodes the transmitted security code (at speeds that can exceed 90 kHz) and activates the output of the
device when a match with its internally stored code has been found. All programmed data is stored in
nonvolatile EEPROM memory. With more than four million codes alterable only with a programming station,
the TMS3637 is well suited for remote control system designs that require high security and accuracy.
Schematics of the programming station and other suggested circuits are included in this data manual.
In addition to the device configuration and security code capabilities, the TMS3637 includes several internal
features that normally require additional circuitry in a system design. These include an amplifier/comparator
for detection and shaping of input signals as low as several millivolts (typically used when an RF link is
employed) and an internal oscillator (used to clock the transmitted or received security code).
The TMS3637 is characterized for operation from – 25
°C to 85°C.
1.1
Features
Data Encoder (Transmitter) or Data Decoder (Receiver) for Use in Remote Control Applications
High Security
4,194,304 Unique Codes Available
Codes Stored in Nonvolatile Memory (EEPROM)
Codes Alterable Only With a Programming Station That Ensures No Security Code
Duplications
Versatile
48 Possible Configurations as a Receiver
18 Possible Configurations as a Transmitter
Single, Multiple, or Continuous Cycling Transmission
Easy Circuit Interface With Various Transmission Media
Direct Wired
Infrared
Radio Frequency
Minimal Board Space Required: 8-Pin (D or P) Package and No DIP Switches
Internal On-Chip Oscillator Included, No External Clock Required
CMOS 2-
µm Process Used for Very Low-Power Consumption and 3-V to 6-V Supply Voltage
Well Suited for All Applications Requiring Remote-Control Operation
Garage Door Openers
Security Systems for Auto and Home
Electronic Keys
Consumer Electronics
Cable Decoder Boxes
Industrial Controls Requiring Precise Activation of Equipment
Electronic Serial Number (ESN) Device Identification


Similar Part No. - TMS3637

ManufacturerPart #DatasheetDescription
logo
Telecommunication Elec...
TMS300 TELTRON-TMS300 Datasheet
785Kb / 2P
   microwave motion sensor
logo
Texas Instruments
TMS3000 TI-TMS3000 Datasheet
345Kb / 6P
[Old version datasheet]   DUAL 25-BIT STATIC SHIFT REGISTER
TMS3000LR TI-TMS3000LR Datasheet
345Kb / 6P
[Old version datasheet]   DUAL 25-BIT STATIC SHIFT REGISTER
TMS3001 TI-TMS3001 Datasheet
345Kb / 6P
[Old version datasheet]   DUAL 25-BIT STATIC SHIFT REGISTER
TMS3001LR TI-TMS3001LR Datasheet
345Kb / 6P
[Old version datasheet]   DUAL 25-BIT STATIC SHIFT REGISTER
More results

Similar Description - TMS3637

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14422 MOTOROLA-MC14422 Datasheet
220Kb / 6P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2462 PTC-PT2462_10 Datasheet
448Kb / 12P
   Remote Control Transmitter
logo
NXP Semiconductors
SAA3004 PHILIPS-SAA3004 Datasheet
103Kb / 16P
   Remote control transmitter
August 1982
logo
Zarlink Semiconductor I...
MV500 ZARLINK-MV500 Datasheet
357Kb / 4P
   REMOTE CONTROL TRANSMITTER
logo
List of Unclassifed Man...
SL490B ETC-SL490B Datasheet
136Kb / 5P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2243 PTC-PT2243 Datasheet
344Kb / 3P
   Remote Control Transmitter
logo
STMicroelectronics
M3004LAB1 STMICROELECTRONICS-M3004LAB1 Datasheet
105Kb / 10P
   REMOTE CONTROL TRANSMITTER
M3005LAB1 STMICROELECTRONICS-M3005LAB1 Datasheet
101Kb / 10P
   REMOTE CONTROL TRANSMITTER
M3004LD STMICROELECTRONICS-M3004LD Datasheet
336Kb / 14P
   REMOTE CONTROL TRANSMITTER
logo
List of Unclassifed Man...
ML923 ETC1-ML923 Datasheet
310Kb / 4P
   REMOTE CONTROL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com