Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHP2-100-1001-G-13-LF Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # CHP2-100-1001-G-13-LF
Description  Metal Glaze??Cylindrical Surface Mount Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CHP2-100-1001-G-13-LF Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  CHP2-100-1001-G-13-LF Datasheet HTML 1Page - IRC - a TT electronics Company. CHP2-100-1001-G-13-LF Datasheet HTML 2Page - IRC - a TT electronics Company. CHP2-100-1001-G-13-LF Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
IRC
Type
Size
Code
Industry
Footprint
Reel
Diameter*
Quantity
Per Reel
Carrier Tape
Width
Component
Pitch
CHP 1/8
MRC 1/2
B
C
1206
7
2,500 max.
8mm
4mm
13
10,000 max.
CHP 1/2
MRC 1
D
E
2010
7
1,500 max.
12mm
4mm
13
5,000 max.
CHP 1
F
2512
7
1,500 max.
12mm
4mm
13
5,000 max.
CHP 2
H
3610
13
1,500 max.
24mm
4mm
*The 13
″ reel is considered standard and will be supplied unless otherwise specified.
Sample Part No.
IRC Type
(CHP 1/8, CHP 1/2, CHP 1, or CHP 2)
Temperature Coefficient
(50 ppm, 100 ppm)
Resistance Value
(100 ohms and greater - First 3 significant digits plus 4th digit multiplier)
Example: 100 ohms = 1000, 1000 ohms = 1001, 150,000 ohms = 1503
(Less than 100 ohms - "R" is used to designate decimal)
Example: 51 ohms = 51R0, 1 ohm = 1R00, 0.25 ohms = R250
Tolerance
(C = 0.25%, D = 0.5%, F = 1.0%; G = 2.0%; J = 5.0%)
Packaging Code*
(BLK = Bulk, 7 = 7" Reel, 13 = 13" Reel)
Lead Free Construction
Ordering Data
CHP 1
- 100
2203
F
13
LF
30
40
50 60
70
80
90 100 110 120 130 140 150
100
80
60
40
20
0
Ambient Temperature (°C)
CHP 1/8, 1/2, 1
CHP 2
Power Derating Curve
Repetitive Surge Curve
0.0001
0.0010
0.0100
0.1000
1.0000
.1msec
1msec
10msec
100msec
10000msec
Surge or Pulse Duration (seconds)
CHP 1
CHP 2
CHP 1/8
1000
100
10
1
Note: Use for repetitive pulses where the average power dissipation is
not to exceed the component rating at 70°C. Surge handling capacity
for low-repetitive surges may be significantly greater than shown above.
Contact factory for recommendations.
Metal Glaze™ Cylindrical
Surface Mount
Power Resistors
Standard Reel Packaging per EIA-481:
CHP Series Issue July 2009 Sheet 3 of 3


Similar Part No. - CHP2-100-1001-G-13-LF

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CHP2 WELWYN-CHP2 Datasheet
74Kb / 2P
   Metal Glaze??General Purpose Surface Mount Power Resistors
logo
TT Electronics.
CHP2 TTELEC-CHP2 Datasheet
456Kb / 4P
   Cylindrical High Power
logo
Vishay Siliconix
CHP2010K1001-DBT-999 VISHAY-CHP2010K1001-DBT-999 Datasheet
159Kb / 9P
   High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
01-Jan-2022
CHP2010K1001-DFT-999 VISHAY-CHP2010K1001-DFT-999 Datasheet
159Kb / 9P
   High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
01-Jan-2022
CHP2010K1001-DGT-999 VISHAY-CHP2010K1001-DGT-999 Datasheet
159Kb / 9P
   High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
01-Jan-2022
More results

Similar Description - CHP2-100-1001-G-13-LF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
SMC1502203CLF7 IRCTT-SMC1502203CLF7 Datasheet
193Kb / 3P
   Cylindrical Surface Mount Metal Glaze Compliant Terminal Resistors
logo
Welwyn Components Limit...
CHP WELWYN-CHP Datasheet
74Kb / 2P
   Metal Glaze??General Purpose Surface Mount Power Resistors
logo
IRC - a TT electronics ...
CHP1X IRCTT-CHP1X Datasheet
231Kb / 2P
   Metal Glaze??Cylindrical Official Size Power Resistor
PPC11001BLFBLK IRCTT-PPC11001BLFBLK Datasheet
201Kb / 3P
   Metal Glaze Surface Mount Precision Power Chip
logo
Token Electronics Indus...
RI80-1 TOKEN-RI80-1 Datasheet
473Kb / 4P
   RI80 Metal Glaze Impulse Resistors
logo
IRC - a TT electronics ...
MMA0204501000DBLK IRCTT-MMA0204501000DBLK Datasheet
152Kb / 3P
   Metal Glaze General Purpose Surface Mount Power Resistor
MRC1-50-1000-C-BLK IRCTT-MRC1-50-1000-C-BLK Datasheet
206Kb / 2P
   Metal Glaze High Power Density Surface Mount Power Resistor
logo
TT Electronics.
GS-3-100-2203-F TTELEC-GS-3-100-2203-F Datasheet
329Kb / 3P
   Thick Film Semi-Precision Metal Glaze??Power Resistors
logo
IRC - a TT electronics ...
GS-3501000FLFSLT IRCTT-GS-3501000FLFSLT Datasheet
176Kb / 3P
   Thick Film Semi-Precision Metal Glaze Power Resistors
GS-3501000F IRCTT-GS-3501000F Datasheet
682Kb / 2P
   Thick Film Semi-Precision Metal Glaze Power Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com