Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSM25PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # HSM25PT
Description  HIGH EFFICIENCY SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

HSM25PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  HSM25PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. HSM25PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* For surface mounted applications
* Low forward voltage, high current capability
* Low leakage current
* Metallurgically bonded construction
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Glass passivated junction
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
Case: JEDEC SMA molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Indicated by cathode band
Weight: 0.002 ounces, 0.064 gram
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
HSM21PT
THRU
HSM28PT
SMA
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT GLASS PASSIVATED
HIGH EFFICIENCY SILICON RECTIFIER
VOLTAGE RANGE 50 - 1000 Volts
CURRENT 2.0 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2002-5
Maximum Full Load Reverse Current Average,
Full Cycle at TA = 55
oC
CHARACTERISTICS
SYMBOL
UNITS
1.3
1.0
1.5
1.7
5.0
50
70
uAmps
100
uAmps
nSec
Volts
Maximum Instantaneous Forward Voltage at 2.0 A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage at TA = 25
oC
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current TL = 100
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
VF
Maximum Reverse Recovery Time (Note 2)
trr
IR
TJ, TSTG
IFSM
UNITS
Volts
Volts
Volts
Amps
HSM21PT
50
35
50
HSM23PT
200
140
200
HSM24PT
210
300
300
HSM25PT
400
280
400
HSM26PT
600
420
600
HSM28PT
1000
700
1000
HSM27PT
800
560
800
2.0
60
30
20
-65 to +150
Amps
pF
oC
HSM22PT
100
70
100
1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
2. Test Conditions : IF = 0.5 A, IR = -1.0 A, IRR = -0.25 A
HSM21PT
HSM23PT HSM24PTHSM25PT HSM26PT
HSM28PT
HSM27PT
HSM22PT
(1)
(2)
SMA
Dimensions in inches and (millimeters)
0.110(2.80)
0.094(2.40)
0.090(2.30)
0.075(1.90)
0.060(1.52)
0.030(0.76)
0.012(0.310)
0.006(0.150)
0.181(4.60)
0.165(4.20)
0.065(1.65)
0.049(1.25)
0.212(5.40)
0.189(4.80)
0.008 (0.203)(max)


Similar Part No. - HSM25PT

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSM221C HITACHI-HSM221C Datasheet
17Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
HSM221C RENESAS-HSM221C Datasheet
138Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Hitachi Semiconductor
HSM223C HITACHI-HSM223C Datasheet
17Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
HSM223C RENESAS-HSM223C Datasheet
139Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Guangdong Kexin Industr...
HSM223C KEXIN-HSM223C Datasheet
797Kb / 2P
   Switching Diodes
More results

Similar Description - HSM25PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
UPL11PT CHENMKO-UPL11PT Datasheet
166Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HPL11PT CHENMKO-HPL11PT Datasheet
159Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HSM11SPT CHENMKO-HSM11SPT Datasheet
111Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HPL41CTPT CHENMKO-HPL41CTPT Datasheet
177Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HBM11PT CHENMKO-HBM11PT Datasheet
106Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HBM31PT CHENMKO-HBM31PT Datasheet
105Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HPL21PT CHENMKO-HPL21PT Datasheet
151Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HPL31PT CHENMKO-HPL31PT Datasheet
154Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HPL21CTPT CHENMKO-HPL21CTPT Datasheet
184Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HSM11PT CHENMKO-HSM11PT Datasheet
88Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com