Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER102GPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # HER102GPT
Description  HIGH EFFICIENCY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

HER102GPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  HER102GPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. HER102GPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss, high efficiency
* Low leakage
* High current capability
* High speed switching
* High current surge
* High reliability
* Glass passivated junction
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
Case: JEDEC DO-41 molded plastic
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Indicated by cathode band
Weight: 0.35 gram
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
HER101GPT
THRU
HER108GPT
DO-41
DO-41
Dimensions in inches and (millimeters)
CHENMKO ENTERPRISE CO.,LTD
VOLTAGE RANGE 50 - 1000 Volts
CURRENT 1.0 Ampere
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
Maximum Full Load Reverse Current Average,
Full Cycle 0.375" (9.5mm) lead length at TL = 55
oC
CHARACTERISTICS
SYMBOL
UNITS
1.3
1.0
1.70
1.50
5.0
50
70
uAmps
100
uAmps
nSec
Volts
Maximum Instantaneous Forward Voltage at 1.0 A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage at TA = 25
oC
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TA = 50
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
VF
Maximum Reverse Recovery Time (Note 2)
trr
IR
TJ, TSTG
IFSM
UNITS
Volts
Volts
Volts
Amps
HER101GPT
50
35
50
HER103GPT
200
140
200
HER104GPT
210
300
300
HER105GPT
400
280
400
HER106GPT
600
420
600
HER108GPT
1000
700
1000
HER107GPT
800
560
800
1.0
30
15
12
-65 to +175
Amps
pF
oC
HER102GPT
100
70
100
1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
2. Test Conditions : IF = 0.5 A, IR = -1.0 A, IRR = -0.25 A
0.034(0.9)
0.028(0.7)
DIA.
0.107(2.7)
0.080(2.0)
0.205(5.2)
0.166(4.2)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
DIA.
GLASS PASSIVATED
HIGH EFFICIENCY RECTIFIER
HER101GPT
HER103GPT HER104GPT HER105GPT HER106GPT
HER108GPT
HER107GPT
HER102GPT


Similar Part No. - HER102GPT

ManufacturerPart #DatasheetDescription
logo
RFE international
HER102G RFE-HER102G Datasheet
2Mb / 3P
   High Efficient Rectifier HER101G Through HER108G
09-26-2022
logo
Jinan Gude Electronic D...
HER102G JGD-HER102G Datasheet
172Kb / 2P
   1.0 AMP. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Chongqing Pingwei Enter...
HER102G CHONGQING-HER102G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
HER102G DACHANG-HER102G Datasheet
160Kb / 2P
   Plastic High-Efficiency Rectifiers
logo
Shanghai Lunsure Electr...
HER102G CHENYI-HER102G Datasheet
157Kb / 2P
   GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER102GPT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
   High Efficiency Rectifier
logo
Diode Semiconductor Kor...
RN3ZZ DSK-RN3ZZ Datasheet
279Kb / 2P
   HIGH EFFICIENCY RECTIFIER
RU20AZ DSK-RU20AZ Datasheet
237Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com