Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP-4781-03-1001DC Datasheet(PDF) 4 Page - IRC - a TT electronics Company.

Part # SIP-4781-03-1001DC
Description  TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

SIP-4781-03-1001DC Datasheet(HTML) 4 Page - IRC - a TT electronics Company.

  SIP-4781-03-1001DC Datasheet HTML 1Page - IRC - a TT electronics Company. SIP-4781-03-1001DC Datasheet HTML 2Page - IRC - a TT electronics Company. SIP-4781-03-1001DC Datasheet HTML 3Page - IRC - a TT electronics Company. SIP-4781-03-1001DC Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Sample Part No.
SIP
-
4781
-
03
-
1001
F
B
Model
4761 = 6-pin SIP, schematic C, gold terminations
4761SD = 6-pin SIP, schematic C, 60/40 Sn/Pb terminations
4768 = 6-pin SIP, schematic F, gold terminations
4768SD = 6-pin SIP, schematic F, 60/40 Sn/Pb terminations
4769 = 6-pin SIP, schematic G, gold terminations
4769SD = 6-pin SIP, schematic G, 60/40 Sn/Pb terminations
4781 = 8-pin SIP, schematic C, gold terminations
4781SD = 8-pin SIP, schematic C, 60/40 Sn/Pb terminations
4788 = 8-pin SIP, schematic F, gold terminations
4788SD = 8-pin SIP, schematic F, 60/40 Sn/Pb terminations
4789 = 8-pin SIP, schematic G, gold terminations
4789SD = 8-pin SIP, schematic G, 60/40 Sn/Pb terminations
4701 = 10-pin SIP, schematic C, gold terminations
4701SD = 10-pin SIP, schematic C, 60/40 Sn/Pb terminations
4708 = 10-pin SIP, schematic F, gold terminations
4708SD = 10-pin SIP, schematic F, 60/40 Sn/Pb terminations
4709 = 10-pin SIP, schematic G, gold terminations
4709SD = 10-pin SIP, schematic G, 60/40 Sn/Pb terminations
Absolute TCR
01 = ±100ppm/°C; 02 = ±50ppm/°C; 03 = ±25ppm/°C; 11 = ±15ppm/°C
Resistance
Standard 4-digit MIL resistance code
Example: 1001 = 1000
Ω; 50R0=50Ω
Absolute Tolerance
J = ±5%; G = ±2%; F = ±1.0%; D = ±0.5%; B = ±0.1%
Optional Ratio Tolerance to R
1
F = ±1.0%; D = ±0.5%; C = ±0.25%; B = ±0.1%; A = ±0.05%; Q = ±0.02%, T = ±0.01%
Custom schematics and screening available.
Screening available for non-QPL values and tolerances. Contact factory for ordering information.
Ordering Data - Commercial
Sample Part No.
M83401
-
08
-
H
-
1002
-
F
-
G
Model
M83401 = Military qualified resistor network
Size
07 = RZ060 6-pin SIP
08 = RZ080 8-pin SIP
09 = RZ090 10-pin SIP
21 = RZ210 Hi-Rel 6-pin SIP
22 = RZ220 Hi-Rel 8-pin SIP
23 = RZ230 Hi-Rel 10-pin SIP
Characteristic per MIL-PRF-83401
M; K; H
Resistance
Standard 4-digit MIL resistance code
Example: 1001 = 1000
Ω; 50R0=50Ω
Absolute Tolerance Code
J = ±5%; G = ±2%; F = ±1%; B = ±0.1%
Schematic
C; G
Standard termination is gold plate. Contact factory for optional 60/40 Sn/Pb hot solder dip finish.
Screening available for non-QPL values and tolerances. Contact factory for ordering information.
Ordering Data - Military (MIL-PRF-83401)
TaNFilm® Precision SIP Network
Commercial and MIL Qualified
4700 Series Issue January 2009 Sheet 4 of 4


Similar Part No. - SIP-4781-03-1001DC

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SIP-4781-03-1001FB TTELEC-SIP-4781-03-1001FB Datasheet
515Kb / 4P
   Commercial and MIL Qualified
More results

Similar Description - SIP-4781-03-1001DC

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
M8340101M1001JA IRCTT-M8340101M1001JA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
logo
TT Electronics.
4700 TTELEC-4700_17 Datasheet
515Kb / 4P
   Commercial and MIL Qualified
logo
IRC - a TT electronics ...
1900HT IRCTT-1900HT Datasheet
526Kb / 3P
   TaNFilm짰 High Temperature DIP and SIP Networks
logo
List of Unclassifed Man...
RN60D1000F ETC2-RN60D1000F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN55C1002F ETC2-RN55C1002F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN60D1002F ETC2-RN60D1002F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN55D1003F ETC2-RN55D1003F Datasheet
162Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
logo
IRC - a TT electronics ...
CCN IRCTT-CCN Datasheet
160Kb / 4P
   TaNFilm짰 Chip Carrier Resistor Network
RL07S1001G IRCTT-RL07S1001G Datasheet
152Kb / 3P
   Semi-Precision Mil-Qualified Metal Glaze Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com