Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHUMF7PT Datasheet(PDF) 5 Page - Chenmko Enterprise Co. Ltd.

Part # CHUMF7PT
Description  Power Management (Dual Transistor)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHUMF7PT Datasheet(HTML) 5 Page - Chenmko Enterprise Co. Ltd.

  CHUMF7PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHUMF7PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHUMF7PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CHUMF7PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. CHUMF7PT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RATING CHARACTERISTIC CURVES ( CHUMF7PT )
CHDTC123E Typical Electrical Characteristics
Fig.3 DC current gain vs. output
current
Fig.4 Output voltage vs. output
current
Fig.1 Input voltage vs. output current
(ON characteristics)
Fig.2 Output current vs. input voltage
(OFF characteristics)
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
100
50
20
10
5
2
1
500m
200m
100m
VO
=0.3V
Ta
=−40°C
25
°C
100
°C
OUTPUT CURRENT : IO
(A)
0
3.0
10m
1
µ
2m
5m
1m
200
µ
500
µ
100
µ
20
µ
50
µ
10
µ
2
µ
5
µ
0.5
1.0
1.5
2.0
2.5
VCC
=5V
Ta
=100°C
25
°C
−40°C
INPUT VOLTAGE : VI(off)
(V)
VO
=5V
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
1k
500
200
100
50
20
10
5
2
1
Ta
=100°C
25
°C
−40°C
OUTPUT CURRENT : IO
(A)
100
µ 200µ 500µ 1m 2m
5m 10m
20m
50m 100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lO/lI
=20
Ta
=100°C
25
°C
−40°C
OUTPUT CURRENT : IO
(A)


Similar Part No. - CHUMF7PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHUMF17PT CHENMKO-CHUMF17PT Datasheet
152Kb / 4P
   Power Management (Dual Transistor)
CHUMF18PT CHENMKO-CHUMF18PT Datasheet
129Kb / 4P
   Power Management (Dual Transistor)
CHUMF19PT CHENMKO-CHUMF19PT Datasheet
162Kb / 4P
   Power Management (Dual Transistor)
CHUMF20PT CHENMKO-CHUMF20PT Datasheet
156Kb / 4P
   Power Management (Dual Transistor)
CHUMF21PT CHENMKO-CHUMF21PT Datasheet
137Kb / 5P
   Power Management (Dual Transistor)
More results

Similar Description - CHUMF7PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHUMF4PT CHENMKO-CHUMF4PT Datasheet
246Kb / 5P
   Power Management (Dual Transistor)
CHUMF21PT CHENMKO-CHUMF21PT Datasheet
137Kb / 5P
   Power Management (Dual Transistor)
CHUMF24PT CHENMKO-CHUMF24PT Datasheet
157Kb / 4P
   Power Management (Dual Transistor)
CHEMF19PT CHENMKO-CHEMF19PT Datasheet
162Kb / 4P
   Power Management (Dual Transistor)
CHEMF21PT CHENMKO-CHEMF21PT Datasheet
147Kb / 5P
   Power Management (Dual Transistor)
CHUMF22PT CHENMKO-CHUMF22PT Datasheet
136Kb / 5P
   Power Management (Dual Transistor)
CHUMF5PT CHENMKO-CHUMF5PT Datasheet
136Kb / 5P
   Power Management (Dual Transistor)
CHUMF17PT CHENMKO-CHUMF17PT Datasheet
152Kb / 4P
   Power Management (Dual Transistor)
CHUMF20PT CHENMKO-CHUMF20PT Datasheet
156Kb / 4P
   Power Management (Dual Transistor)
CHUMF23PT CHENMKO-CHUMF23PT Datasheet
128Kb / 4P
   Power Management (Dual Transistor)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com