Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SIP-4781-01-1001JC Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part No. SIP-4781-01-1001JC
Description  TaNFilm® Precision SIP Network Commercial and MIL Qualified
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRCTT [IRC - a TT electronics Company.]
Homepage  http://www.irctt.com
Logo 

SIP-4781-01-1001JC Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Inherent reliability
MIL-PRF-83401 qualified
Custom configuration available
Bonded leads not susceptible to solder reflow problems
Absolute tolerance to ±0.1% - ratio accuracy to ±0.01%
Absolute TCR to ±15ppm/°C - ratio accuracy to ±5ppm/°C
4700 Series
The IRC 4700 Series is the ultimate combination of precision
performance, reliability, and long term stability in a low profile,
TaNFilm® SIP package. Rugged welded lead construction combined with the inherent passivation
characteristics of tantalum nitride insure superior ongoing performance over the installed life of the part.
Visit our website to view a graphical demonstration of IRC’s TaNFilm reliability and performance features.
Schematic
Resistance
Range
(Ω)
Absolute
Tolerance
Ratio
Tolerance
Absolute TCR
(ppm/°C)
Tracking
TCR
(ppm/°C)
Element
Power
(mW)
C
Commercial
49.9 - 99.9
F, G, J
F, G
±50; ±100; ±300
±20
120
100 - 200
B, D, F, G, J
D, F, G
±25; ±50; ±100; ±300
±15
201 - 1.9K
B, D, F, G, J
B, D, F, G
±25; ±50; ±100; ±300
±10
2.0K - 200K
B, D, F, G, J
A, B, D, F, G
±15; ±25; ±50; ±100; ±300
±5
G
Commercial
20 - 49.9
F, G, J
F, G
±50; ±100; ±300
±20
200
50.0 - 199
D, F, G, J
B, D, F, G
±25; ±50; ±100; ±300
±5
200 - 999
B, D, F, G, J
A, B, D, F, G
±25; ±50; ±100; ±300
±5
1.0K - 100K
B, D, F, G, J
T, Q, A, B, D, F, G
±15; ±25; ±50; ±100; ±300
±5
101K - 400K
B, D, F, G, J
A, B, D, F, G
±15; ±25; ±50; ±100; ±300
±5
F
Commercial
49.9 - 99.9
F, G, J
F, G
±50; ±100; ±300
±20
120
100 - 199
F, G, J
D, F, G
±25; ±50; ±100; ±300
±10
200 - 999
B, D, F, G, J
B, D, F, G
±25; ±50; ±100; ±300
±5
1.0K - 200K
B, D, F, G, J
A, B, D, F, G
±15; ±25; ±50; ±100; ±300
±5
Consult factory for tighter tolerances and TCR. Custom circuits and special testing available.
Electrical Data
High purity
alumina substrate
Sputtered tantalum
nitride with passivation
oxide layer
Copper leads
electroplated
with gold over
nickel, hot
tinned leads
available
Lid and ceramic
substrate
totally filled
with an epoxy
adhesive
Thermal compression
bonded lead
terminations provide
exceptional reliability
TaNFilm® Precision SIP Network
Commercial and MIL Qualified
4700 Series Issue January 2009 Sheet 1 of 4


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn