Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHP1X-100-2203-F-13 Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # CHP1X-100-2203-F-13
Description  Metal Glaze??Cylindrical Official Size Power Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CHP1X-100-2203-F-13 Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  CHP1X-100-2203-F-13 Datasheet HTML 1Page - IRC - a TT electronics Company. CHP1X-100-2203-F-13 Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Power Derating Curve
Metal Glaze™ Cylindrical
Official Size
Power Resistor
0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
120
100
80
60
40
20
0
Ambient Temperature (°C)
Applied Power
(Watts)
120
100
80
60
40
20
0
0.00
0.25
0.50
0.75
1.00
1.25
Resistor Hot Spot
Solder Joint
Temperature Rise Chart
1.0E - 04
1.0E - 03
1.0E - 02
1.0E - 01
1.0E + 00
Surge or Pulse Duration (seconds)
100,000
10,000
1,000
100
10
1
Non/Low Repetitive Surge Curve
Repetitive Surge Curve
1.0E - 04
1.0E - 03
1.0E - 02
1.0E - 01
1.0E + 00
Surge or Pulse Duration (Seconds)
1,000.00
100.00
10.00
1.00
CHP1X Series Issue September 2008 Sheet 2 of 2
Sample Part No.
IRC Type
(CHP 1X)
Temperature Coefficient
(50 ppm, 100 ppm)
Resistance Value
(100 ohms and greater - First 3 significant digits plus 4th digit multiplier)
Example: 100 ohms = 1000, 1000 ohms = 1001, 150,000 ohms = 1503
(Less than 100 ohms - "R" is used to designate decimal)
Example: 51 ohms = 51R0, 1 ohm = 1R00, 0.25 ohms = R250
Tolerance
(C = 0.25%; D = 0.5%; F = 1.0%; G = 2.0%; J = 5.0%)
Packaging Code*
(BLK = Bulk, 7 = 7" Reel, 13 = 13" Reel)
Ordering Data
CHP 1X - 100 - 2203 - F - 13


Similar Part No. - CHP1X-100-2203-F-13

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CHP1X-100-2203-F-13 TTELEC-CHP1X-100-2203-F-13 Datasheet
346Kb / 2P
   Official Size Power Resistor
More results

Similar Description - CHP1X-100-2203-F-13

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CHP-1X TTELEC-CHP-1X Datasheet
346Kb / 2P
   Official Size Power Resistor
logo
IRC - a TT electronics ...
ARG IRCTT-ARG Datasheet
154Kb / 1P
   High Power Metal Glaze??Resistor
PWRG51202J IRCTT-PWRG51202J Datasheet
156Kb / 2P
   General Purpose Power Metal Glaze Resistor
CHP IRCTT-CHP Datasheet
151Kb / 3P
   Metal Glaze??Cylindrical Surface Mount Power Resistors
logo
Stackpole Electronics, ...
MGM SEI-MGM Datasheet
334Kb / 6P
   High Voltage Metal Glaze Resistor
5/4/2022
logo
IRC - a TT electronics ...
GF-07D1002F IRCTT-GF-07D1002F Datasheet
218Kb / 2P
   Thick Film Metal Glaze Resistor
logo
List of Unclassifed Man...
RN60D1000F ETC2-RN60D1000F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
logo
IRC - a TT electronics ...
SMC1502203CLF7 IRCTT-SMC1502203CLF7 Datasheet
193Kb / 3P
   Cylindrical Surface Mount Metal Glaze Compliant Terminal Resistors
logo
List of Unclassifed Man...
RN60D1002F ETC2-RN60D1002F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN55D1003F ETC2-RN55D1003F Datasheet
162Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com