Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHC-CD0865A-01-10R0F Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # CHC-CD0865A-01-10R0F
Description  Ceramic Ball Grid Termination Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CHC-CD0865A-01-10R0F Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  CHC-CD0865A-01-10R0F Datasheet HTML 1Page - IRC - a TT electronics Company. CHC-CD0865A-01-10R0F Datasheet HTML 2Page - IRC - a TT electronics Company. CHC-CD0865A-01-10R0F Datasheet HTML 3Page - IRC - a TT electronics Company. CHC-CD0865A-01-10R0F Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CHC Series Issue April 2009 Sheet 3 of 4
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data and Schematic Diagrams for 1.0mm Pitch Series
0.64mm ±0.05 diameter
solder bumps
1.00mm
±0.25mm
4.0mm
±0.15mm
0.63mm
±0.1mm
0.50mm
±0.25mm
1.00mm
±0.25mm
9.00mm
±0.15mm
1
2
3
9
8
7
6
5
4
1.27mm
±0.16mm
1
2
3
4
5
6
7
8
9
D
C
B
A
1
2
3
4
5
6
7
8
9
D
C
B
A
CD0910A isolated schematic
(view from top)
CD0910B bussed schematic
(view from top)
1.00mm
±0.25mm
3.0mm
±0.15mm
0.50mm
±0.25mm
1.00mm
±0.25mm
9.00mm
±0.15mm
1
2
3
9
8
7
6
5
4
0.63mm
±0.1mm
1.27mm
±0.16mm
0.64mm ±0.05 diameter
solder bumps
1
2
3
4
5
6
7
8
9
C
B
A
1
2
3
4
5
6
7
8
9
C
B
A
CC0910A isolated schematic
(view from top)
CC0910B bussed schematic
(view from top)
Ceramic Ball Grid
Termination Arrays
Environmental Test
Specification
Typical
Maximum
Thermal shock
MIL-PRF-83401
±0.01%
±0.02%
Low temperature operation
MIL-PRF-83401
±0.01%
±0.05%
Short time overload
MIL-PRF-83401
±0.01%
±0.05%
High temperature exposure
MIL-PRF-83401
±0.03%
±0.05%
Effects of solder
MIL-PRF-83401
±0.01%
±0.05%
Moisture resistance
MIL-STD-202, Method 206
65°C, 45% RH, with bias
±0.02%
±0.01%
Life
MIL-PRF-83401
±0.01%
±0.02%
Environmental Data
Note: Contact A1 indicator marked with dot on top of part. Coplanarity between solder bumps 0.06mm.


Similar Part No. - CHC-CD0865A-01-10R0F

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CHC-CD0927K-01-4750 IRCTT-CHC-CD0927K-01-4750 Datasheet
378Kb / 1P
   SCSI LVD Chipscale Termination Network
CHC-CD0927KLF-01-4750 IRCTT-CHC-CD0927KLF-01-4750 Datasheet
378Kb / 1P
   SCSI LVD Chipscale Termination Network
More results

Similar Description - CHC-CD0865A-01-10R0F

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CHC TTELEC-CHC_17 Datasheet
1Mb / 4P
   Ceramic Ball Grid Termination Arrays
logo
IRC - a TT electronics ...
CHC-PRECISION IRCTT-CHC-PRECISION Datasheet
205Kb / 3P
   Precision Ceramic Ball Grid Arrays
logo
TT Electronics.
CHC-CH8A-03-1002-BB TTELEC-CHC-CH8A-03-1002-BB Datasheet
389Kb / 3P
   Precision Ceramic Ball Grid Arrays
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
   Ball Grid Array Packaging
04.24.14
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array
logo
Yamaichi Electronics Co...
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
   Ball Grid Array (FBGA / CSP / LGA)
NP276-11904 YAMAICHI-NP276-11904 Datasheet
738Kb / 11P
   Ball Grid Array (BGA, 1.27mm Pitch)
NP396-500 YAMAICHI-NP396-500 Datasheet
120Kb / 1P
   Shrink Ball Grid Array (1.27mm Pitch)
IC264-22501-1 YAMAICHI-IC264-22501-1 Datasheet
200Kb / 1P
   Ball Grid Array (BGA, 1.50mm Pitch)
logo
KOA Speer Electronics, ...
BR KOA-BR Datasheet
370Kb / 2P
   ball grid array (bga) resistor networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com