Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C17 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320C17
Description  DIGITAL SIGNAL PROCESSORS
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C17 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C17 Datasheet HTML 2Page - Texas Instruments TMS320C17 Datasheet HTML 3Page - Texas Instruments TMS320C17 Datasheet HTML 4Page - Texas Instruments TMS320C17 Datasheet HTML 5Page - Texas Instruments TMS320C17 Datasheet HTML 6Page - Texas Instruments TMS320C17 Datasheet HTML 7Page - Texas Instruments TMS320C17 Datasheet HTML 8Page - Texas Instruments TMS320C17 Datasheet HTML 9Page - Texas Instruments TMS320C17 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 146 page
background image
SPRS009C – JANUARY 1987 – REVISED JULY 1991
TMS320C1x
DIGITAL SIGNAL PROCESSORS
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
6
interrupts and subroutines
All devices except the
′C16 contain a four-level stack for saving the contents of the program counter during
interrupts and subroutine calls. Because of the larger 64K program space, the
′C16’s hardware stack has been
increased to eight levels. Instructions are available for saving the device’s complete context. PUSH and POP
instructions permit a level of nesting restricted only by the amount of available RAM. The interrupts used in these
devices are maskable.
input/output
The 16-bit parallel data bus can be utilized to perform I/O functions in two cycles. The I/O ports are addressed
by the three LSBs on the address lines. In addition, a polling input for bit test and jump operations (BIO) and
an interrupt pin (INT) have been incorporated for multitasking. The bit selectable I/O of the
′C14 is suitable for
microcontroller applications.
serial port (TMS320C17/E17)
Two of the I/O ports on the
′C17/E17 are dedicated to the serial port and companding hardware. I/O port 0 is
dedicated to control register 0, which controls the serial port, interrupts, and companding hardware. I/O port 1
accesses control register 1, as well as both serial port channels, and companding hardware. The six remaining
I/O ports are available for external parallel interfaces.
serial port (TMS320C14/E14)
The
′C14/E14 devices include one I/O-mapped serial port that operates asynchronously. I/O-mapped control
registers are used to configure port parameters such as inter-processor communication protocols and baud
rate.
companding hardware (TMS320C17/E17)
On-chip hardware enables the
′C17/E17 to compand (COMpress/exPAND) data in either µ-law or A-law format.
The companding logic operation is configured via the system control register. Data may be companded in either
serial mode for operation on serial port data (converting between linear and logarithmic PCM) or a parallel mode
for computation inside the device. The
′C17/E17 allows the hardware companding logic to operate with either
sign-magnitude or twos-complement numbers.
coprocessor port (TMS320C17/E17)
The coprocessor port on the
′C17/E17 provides a direct connection to most microcomputers and
microprocessors. The port is accessed through I/O port 5 using IN and OUT instructions. The coprocessor
interface allows the device to act as a peripheral (slave) microcomputer to a microprocessor, or as a master to
a peripheral microcomputer. In the microcomputer mode, the 16 data lines are used for the 6 parallel 16-bit I/O
ports. In the coprocessor mode, the 16-bit parallel port is reconfigured to operate as a 16-bit latched bus
interface. For peripheral transfer, an 8-bit or 16-bit length of the coprocessor port can be selected.


Similar Part No. - TMS320C17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C17 TI-TMS320C17 Datasheet
297Kb / 57P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TMS320C17 TI-TMS320C17 Datasheet
303Kb / 61P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TMS320C17 TI1-TMS320C17 Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C17FNL TI1-TMS320C17FNL Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C17FNL TI1-TMS320C17FNL Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com