Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMF-110R0GLFTR Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # CMF-110R0GLFTR
Description  Commercial Grade Metal Film Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CMF-110R0GLFTR Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  CMF-110R0GLFTR Datasheet HTML 1Page - IRC - a TT electronics Company. CMF-110R0GLFTR Datasheet HTML 2Page - IRC - a TT electronics Company. CMF-110R0GLFTR Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Commercial Grade
Metal Film Resistor
Electrical Data
IRC Type
Power
Rating at
70°C (W)
Resistance
Range
(Ohms)
Tolerance
(±%)
TCR
(±ppm/°C)
Max.
Working
Voltage (V)
Max.
Overload
Voltage (V)
Dielectric
Withstanding
Voltage (V)
Standard Size
CMF-1/8
0.125
10 - 1M
1
100
200
400
400
CMF-1/4
0.25
250
500
500
CMF-1/2
0.5
350
700
700
CMF-1
1
500
1000
1000
CMF-2
2
500
1000
1000
CMF-3
3
500
1000
1000
CMF Series
Metal film resistor
Conformal coating
Power ratings from 1/8W to 3W
Resistance range from 10
Ω to 1MΩ
Environmental Data
Short-time overload
ΔR/R ≤(±0.5% + 0.05Ω), with no evidence of mechanical damage.
Dielectric withstanding voltage
No evidence of flashover, mechanical damage, arcing or insulation breakdown.
Terminal strength
No evidence of mechanical damage.
Resistance to Soldering heat
ΔR/R ≤(±1% + 0.05Ω), with no evidence of mechanical damage.
Pulse Overload
ΔR/R ≤(±1% + 0.05Ω), with no evidence of mechanical damage.
Solderability
Minimum 95% coverage.
Resistance to solvent
No deterioration of protective coating and markings.
Temperature cycling
ΔR/R ≤(±1% + 0.05Ω), with no evidence of mechanical damage.
Load life in humidity
Standard type:
ΔR/R ±3% for <100KΩ, ±5% for ≥100KΩ;
Load life
Standard type:
ΔR/R ±1.5% Flame retardant type: R/R ±5%
CMF Series Issue May 2009 Sheet 1 of 3


Similar Part No. - CMF-110R0GLFTR

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
CMF-110 SYNERGY-CMF-110 Datasheet
45Kb / 2P
   MIXERS TRIPLE-BALANCED
logo
TT Electronics.
CMF-11001FLFTR TTELEC-CMF-11001FLFTR Datasheet
255Kb / 3P
   Commercial Grade Metal Film Resistor
More results

Similar Description - CMF-110R0GLFTR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CMF TTELEC-CMF Datasheet
255Kb / 3P
   Commercial Grade Metal Film Resistor
logo
IRC - a TT electronics ...
CMO IRCTT-CMO Datasheet
184Kb / 4P
   Commercial Grade Metal Oxide Resistor
CAW IRCTT-CAW Datasheet
245Kb / 3P
   Commercial Grade Axial Lead Power Wirewound & Film Resistor
logo
NXP Semiconductors
5043ED4K640F PHILIPS-5043ED4K640F Datasheet
335Kb / 7P
   Standard Metal Film resistor
logo
WALSIN TECHNOLOGY CORPO...
SF25Q WALSIN-SF25Q Datasheet
2Mb / 10P
   SMD metal film resistor
logo
Stackpole Electronics, ...
MLF SEI-MLF Datasheet
698Kb / 11P
   Metal Film Melf Resistor
8/10/2022
logo
RFE international
MGHV25 RFE-MGHV25 Datasheet
603Kb / 3P
   METAL GLAZED FILM RESISTOR
2020.08.14
logo
MERITEK ELECTRONICS COR...
MFM MERITEK-MFM Datasheet
428Kb / 2P
   Metal Film MELF Resistor
logo
WALSIN TECHNOLOGY CORPO...
WF25T WALSIN-WF25T Datasheet
670Kb / 10P
   SMD metal film resistor
SF25T WALSIN-SF25T Datasheet
555Kb / 10P
   SMD metal film resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com