Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6202B Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6202B
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6202B Datasheet(HTML) 5 Page - Texas Instruments

  TMS320C6202B Datasheet HTML 1Page - Texas Instruments TMS320C6202B Datasheet HTML 2Page - Texas Instruments TMS320C6202B Datasheet HTML 3Page - Texas Instruments TMS320C6202B Datasheet HTML 4Page - Texas Instruments TMS320C6202B Datasheet HTML 5Page - Texas Instruments TMS320C6202B Datasheet HTML 6Page - Texas Instruments TMS320C6202B Datasheet HTML 7Page - Texas Instruments TMS320C6202B Datasheet HTML 8Page - Texas Instruments TMS320C6202B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
TMS320C6202, TMS320C6202B, TMS320C6203, TMS320C6204
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS104A – OCTOBER 1999 – REVISED MARCH 2000
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
description
The TMS320C6202, TMS320C6202B, TMS320C6203, and TMS320C6204 devices are part of the
TMS320C62x fixed-point DSP family in the TMS320C6000 platform. The ’C62x devices are based on the
high-performance, advanced VelociTI very-long-instruction-word (VLIW) architecture developed by Texas
Instruments (TI), making these DSPs an excellent choice for multichannel and multifunction applications.
The TMS320C62x DSP offers cost-effective solutions to high-performance DSP programming challenges. The
TMS320C6202B/’03 has a performance of up to 2400 million instructions per second (MIPS) at 300 MHz, while
the TMS320C6202 has a performance of up to 2000 MIPS at 250 MHz, and the TMS320C6204 has a
performance of up to 1600 MIPS at 200 MHz. The ’C6202/’02B/’03/’04 DSP possesses the operational flexibility
of high-speed controllers and the numerical capability of array processors. These processors have
32 general-purpose registers of 32-bit word length and eight highly independent functional units. The eight
functional units provide six arithmetic logic units (ALUs) for a high degree of parallelism and two 16-bit multipliers
for a 32-bit result. The ’C6202/’02B/’03/’04 can produce two multiply-accumulates (MACs) per cycle. This gives
a total of 600 million MACs per second (MMACS) for the ’C6202B/’03 device, a total of 500 MMACS for the
’C6202 device, and a total of 400 MMACS for the ’C6204 device. The ’C6202/’02B/’03/’04 DSP also has
application-specific hardware logic, on-chip memory, and additional on-chip peripherals.
The TMS320C62x DSPs include an on-chip memory, with the ’C6203 device offering the most memory at
7 Mbits. For the ’C6202/’02B device, program memory consists of two blocks, with a 128K-byte block configured
as memory-mapped program space, and the other 128K-byte block user-configurable as cache or
memory-mapped program space. Data memory consists of two 64K-byte blocks of RAM. Similarly, the ’C6203
device program memory consists of two blocks, with a 256K-byte block configured as memory-mapped program
space, and the other 128K-byte block user-configurable as cache or memory-mapped program space. Data
memory consists of two 256K-byte blocks of RAM. For the ’C6204 device, program memory consists of a single
64K-byte block that is user-configured as cache or memory-mapped program space. Data memory consists of
two 32K-byte blocks of RAM.
The ’C6202/’02B/’03/’04 device has a powerful and diverse set of peripherals. The peripheral set includes
multichannel buffered serial ports (McBSPs), general-purpose timers, a 32-bit expansion bus (XB) that offers
ease of interface to synchronous or asynchronous industry-standard host bus protocols, and a glueless 32-bit
external memory interface (EMIF) capable of interfacing to SDRAM or SBSRAM and asynchronous peripherals.
The ’C62x devices have a complete set of development tools which includes: a new C compiler, an assembly
optimizer to simplify programming and scheduling, and a Windows
™ debugger interface for visibility into source
code execution.
Windows is a registered trademark of the Microsoft Corporation.


Similar Part No. - TMS320C6202B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6202B TI-TMS320C6202B Datasheet
1Mb / 105P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202B TI1-TMS320C6202B Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202BGDP167 TI-TMS320C6202BGDP167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202BGFN100 TI-TMS320C6202BGFN100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6202BGFN167 TI-TMS320C6202BGFN167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6202B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com