Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C50 Datasheet(PDF) 56 Page - Texas Instruments

Part # TMS320C50
Description  DIGITAL SIGNAL PROCESSORS
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C50 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TMS320C50 Datasheet HTML 52Page - Texas Instruments TMS320C50 Datasheet HTML 53Page - Texas Instruments TMS320C50 Datasheet HTML 54Page - Texas Instruments TMS320C50 Datasheet HTML 55Page - Texas Instruments TMS320C50 Datasheet HTML 56Page - Texas Instruments TMS320C50 Datasheet HTML 57Page - Texas Instruments TMS320C50 Datasheet HTML 58Page - Texas Instruments TMS320C50 Datasheet HTML 59Page - Texas Instruments TMS320C50 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 91 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
56
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
switching characteristics over recommended operating conditions [ H = 0.5 tc(CO)] (’320LC5x only)
(see Figure 14)
PARAMETER
’320LC5x-40
’320LC5x-50
’320LC5x-80
UNIT
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tc(CO)
Cycle time,
CLKOUT1
50
75†
40
75†
25
55†
ns
td(C2H-COH)
Delay time,
CLKIN2 high to
CLKOUT1 high
2
9
16
2
9
16
1
8
15
ns
tf(CO)
Fall time,
CLKOUT1
5
5
4
ns
tr(CO)
Rise time,
CLKOUT1
5
5
4
ns
tw(COL)
Pulse duration,
CLKOUT1 low
H–3‡
H
H+2‡
H–3‡
H
H+2‡
H–3‡
H
H+2‡
ns
tw(COH)
Pulse duration,
CLKOUT1 high
H–3‡
H
H+2‡
H–3‡
H
H+2‡
H–3‡
H
H+2‡
ns
td(TP)
Delay time,
transitory
phase—PLL
synchronized
after CLKIN2
supplied
1000tc(C2)
1000tc(C2)
1000tc(C2)
ns
† Clocks can only be stopped while executing IDLE2 when using the PLL clock generator option.
‡ Values assured by design and not tested
§ On the ’LC56, ’LC57, and ’LC57S devices, CLKIN2 functions as the PLL clock input.


Similar Part No. - TMS320C50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C50 TI-TMS320C50 Datasheet
1Mb / 87P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C50 TI1-TMS320C50 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C50 TI1-TMS320C50 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C50PGE TI1-TMS320C50PGE Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C50PGE57 TI1-TMS320C50PGE57 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com