Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHT2907WPT Datasheet(PDF) 6 Page - Chenmko Enterprise Co. Ltd.

Part # CHT2907WPT
Description  PNP Switching Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHT2907WPT Datasheet(HTML) 6 Page - Chenmko Enterprise Co. Ltd.

  CHT2907WPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHT2907WPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHT2907WPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CHT2907WPT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. CHT2907WPT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd. CHT2907WPT Datasheet HTML 6Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RATING CHARACTERISTIC CURVES ( CHT2907WPT )
Test circuits
Delay and rise time
200ohmS
-30 V
Osc.
< 5 ns
t
r
ns
200
= 50ohmS
< 2ns
Input
r
Z
t
0
0
-16 V
1 k
50ohmS
Storage and fall time
37ohmS
-6
-30
0
+15 V
1 k
V
V
< 2 ns
= 50ohmS
Input
t
Z
r
0
200 ns
1 k
50ohmS
Osc.
< 5 ns
t
r
Oscillograph: R > 100ohmS, C < 12pF, tr < 5ns


Similar Part No. - CHT2907WPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHT2907APT CHENMKO-CHT2907APT Datasheet
117Kb / 6P
   PNP Switching Transistor
CHT2907N1PT CHENMKO-CHT2907N1PT Datasheet
116Kb / 5P
   PNP Switching Transistor
CHT2907SPT CHENMKO-CHT2907SPT Datasheet
118Kb / 6P
   PNP Switching Transistor
CHT2907TPT CHENMKO-CHT2907TPT Datasheet
113Kb / 6P
   PNP Switching Transistor
CHT2907VPT CHENMKO-CHT2907VPT Datasheet
127Kb / 6P
   PNP Switching Transistor
More results

Similar Description - CHT2907WPT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
   PNP Switching Transistor
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
   PNP switching transistor
2004 Jan 21
logo
Guangdong Kexin Industr...
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
   PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
   PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
   PNP Switching Transistor
logo
Fairchild Semiconductor
ST5771 FAIRCHILD-ST5771 Datasheet
26Kb / 2P
   PNP Switching Transistor
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com