Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847BWT1 Datasheet(PDF) 5 Page - Motorola, Inc

Part # BC847BWT1
Description  CASE 419-02, STYLE 3 SOT-323/SC-70
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC847BWT1 Datasheet(HTML) 5 Page - Motorola, Inc

  BC847BWT1 Datasheet HTML 1Page - Motorola, Inc BC847BWT1 Datasheet HTML 2Page - Motorola, Inc BC847BWT1 Datasheet HTML 3Page - Motorola, Inc BC847BWT1 Datasheet HTML 4Page - Motorola, Inc BC847BWT1 Datasheet HTML 5Page - Motorola, Inc BC847BWT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BC846AWT1,BWT1 BC847AWT1,BWT1,CWT1 BC848AWT1,BWT1,CWT1
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
INFORMATION FOR USING THE SOT–323/SC–70 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must
be the correct size to insure proper solder connection
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
SOT–323/SC–70
mm
inches
0.035
0.9
0.075
0.7
1.9
0.028
0.65
0.025
0.65
0.025
SOT–323/SC–70 POWER DISSIPATION
The power dissipation of the SOT–323/SC–70 is a function
of the pad size. This can vary from the minimum pad size for
soldering to a pad size given for maximum power dissipation.
Power dissipation for a surface mount device is determined
by TJ(max), the maximum rated junction temperature of the
die, R
θJA, the thermal resistance from the device junction to
ambient, and the operating temperature, TA. Using the
values provided on the data sheet for the SOT–323/SC–70
package, PD can be calculated as follows:
PD =
TJ(max) – TA
R
θJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values into
the equation for an ambient temperature TA of 25°C, one can
calculate the power dissipation of the device which in this
case is 150 milliwatts.
PD =
150
°C – 25°C
833
°C/W
= 150 milliwatts
The 833
°C/W for the SOT–323/SC–70 package assumes
the use of the recommended footprint on a glass epoxy
printed circuit board to achieve a power dissipation of
150 milliwatts. There are other alternatives to achieving
higher power dissipation from the SOT–323/SC–70
package. Another alternative would be to use a ceramic
substrate or an aluminum core board such as Thermal
Clad
™. Using a board material such as Thermal Clad, an
aluminum core board, the power dissipation can be doubled
using the same footprint.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated
temperature of the device. When the entire device is heated
to a high temperature, failure to complete soldering within a
short time could result in device failure. Therefore, the
following items should always be observed in order to
minimize the thermal stress to which the devices are
subjected.
Always preheat the device.
The delta temperature between the preheat and
soldering should be 100
°C or less.*
When preheating and soldering, the temperature of the
leads and the case must not exceed the maximum
temperature ratings as shown on the data sheet. When
using infrared heating with the reflow soldering method,
the difference shall be a maximum of 10
°C.
The soldering temperature and time shall not exceed
260
°C for more than 10 seconds.
When shifting from preheating to soldering, the
maximum temperature gradient shall be 5
°C or less.
After soldering has been completed, the device should
be allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and result
in latent failure due to mechanical stress.
Mechanical stress or shock should not be applied during
cooling.
* Soldering a device without preheating can cause excessive
thermal shock and stress which can result in damage to the
device.


Similar Part No. - BC847BWT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC847BWT1 ONSEMI-BC847BWT1 Datasheet
147Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
Leshan Radio Company
BC847BWT1 LRC-BC847BWT1 Datasheet
185Kb / 4P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
BC847BWT1G ONSEMI-BC847BWT1G Datasheet
111Kb / 13P
   General Purpose Transistors
April, 2015 ??Rev. 12
More results

Similar Description - BC847BWT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC856AWT1 MOTOROLA-BC856AWT1 Datasheet
251Kb / 8P
   CASE 419-02, STYLE 3 SOT-323/SC-70
BAS16WT1 MOTOROLA-BAS16WT1 Datasheet
98Kb / 6P
   CASE 419-02, STYLE 2 SC-70/SOT-323
BAV70WT1 MOTOROLA-BAV70WT1 Datasheet
99Kb / 6P
   CASE 419-02, STYLE 5 SC-70/SOT-323
BAV99WT1 MOTOROLA-BAV99WT1 Datasheet
128Kb / 6P
   SC-70/SOT-323 Dual Series Switching Diode
logo
Agilent(Hewlett-Packard...
HSMP-381B HP-HSMP-381B Datasheet
91Kb / 12P
   Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
logo
Motorola, Inc
DTC114YE MOTOROLA-DTC114YE Datasheet
144Kb / 6P
   CASE 463-01, STYLE 1 SOT-416/SC-90
DTA143EE MOTOROLA-DTA143EE Datasheet
93Kb / 4P
   CASE 463-01, STYLE 1 SOT-416/SC-90
DTC114TE MOTOROLA-DTC114TE Datasheet
91Kb / 4P
   CASE 463-01, STYLE 1 SOT-416/SC-90
logo
ON Semiconductor
MMBF2201NT1 ONSEMI-MMBF2201NT1_06 Datasheet
57Kb / 4P
   Power MOSFET 300 mAmps, 20 Volts N-Channel SC-70/SOT-323
January, 2006 ??Rev. 4
MMBF2201NT1 ONSEMI-MMBF2201NT1 Datasheet
60Kb / 8P
   Power MOSFET 300 mAmps, 20 Volts N-Channel SC-70/SOT-323
November, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com