Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP-4769-03-1001JC Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # SIP-4769-03-1001JC
Description  TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

SIP-4769-03-1001JC Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  SIP-4769-03-1001JC Datasheet HTML 1Page - IRC - a TT electronics Company. SIP-4769-03-1001JC Datasheet HTML 2Page - IRC - a TT electronics Company. SIP-4769-03-1001JC Datasheet HTML 3Page - IRC - a TT electronics Company. SIP-4769-03-1001JC Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Environmental Data
Test Per MIL-PRF-83401
MIL-PRF-83401 ∆R Limits
TaNFilm® Test Data ∆R
M
K
H
Max
Typical
Thermal Shock And Power Conditioning
±0.7%
±0.7%
±0.5%
±0.10%
±0.02%
Low Temperature Operation
±0.5%
±0.25%
±0.1%
±0.05%
±0.02%
Short-term Overload
±0.5%
±0.25%
±0.1%
±0.1%
±0.02%
Terminal Strength
±0.25%
±0.25%
±0.1%
±0.1%
±0.02%
Resistance To Solder Heat
±0.25%
±0.25%
±0.1%
±0.1%
±0.02%
Moisture Resistance
±0.5%
±0.5%
±0.4%
±0.1%
±0.02%
Shock
±0.25%
±0.25%
±0.25%
±0.1%
±0.02%
Vibration
±0.25%
±0.25%
±0.25%
±0.1%
±0.02%
Life
±2.0%
±0.5%
±0.5%
±0.1%
±0.02%
High Temperature Exposure
±1.0%
±0.5%
±0.2%
±0.1%
±0.02%
Low Temperature Storage
±0.5%
±0.25%
±0.1%
±0.1%
±0.02%
25°C Double Load
±2.0%
±0.5%
±0.5%
±0.05%
±0.02%
Schematic
Package Power (mW)
Voltage Rating
Temperature
Range
Substrate
Lead Finish
Noise
6-pin
8-pin
10-pin
PxR
not to
exceed 100V
-65°C to +125°C
99.6%
Alumina
Gold Plate
(60/40 Sn/Pb
available)
<-30dB
C, F
(MIL and Commercial)
600
840
1080
G (MIL)
360
480
800
G (Commercial)
600
800
1000
_____
Package Specification Data
Schematic
Resistance
Range
Absolute
Tolerance
Element
Power
Size
Characteristic
C
100 - 100K
B, F, G, J
120
6, 8, 10
M, H, K
G
100 - 100K
B, F, G, J
200
6, 8, 10
M, H, K
MIL-PRF-83401 Qualification Data
TaNFilm® Precision SIP Network
Commercial and MIL Qualified
4700 Series Issue January 2009 Sheet 2 of 4


Similar Part No. - SIP-4769-03-1001JC

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
SIP-4769HT-01-1001FC IRCTT-SIP-4769HT-01-1001FC Datasheet
526Kb / 3P
   TaNFilm짰 High Temperature DIP and SIP Networks
SIP-4769HT-01-1001FD IRCTT-SIP-4769HT-01-1001FD Datasheet
526Kb / 3P
   TaNFilm짰 High Temperature DIP and SIP Networks
SIP-4769HT-01-1001FF IRCTT-SIP-4769HT-01-1001FF Datasheet
526Kb / 3P
   TaNFilm짰 High Temperature DIP and SIP Networks
SIP-4769HT-01-1001GC IRCTT-SIP-4769HT-01-1001GC Datasheet
526Kb / 3P
   TaNFilm짰 High Temperature DIP and SIP Networks
SIP-4769HT-01-1001GD IRCTT-SIP-4769HT-01-1001GD Datasheet
526Kb / 3P
   TaNFilm짰 High Temperature DIP and SIP Networks
More results

Similar Description - SIP-4769-03-1001JC

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
M8340101M1001JA IRCTT-M8340101M1001JA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
logo
TT Electronics.
4700 TTELEC-4700_17 Datasheet
515Kb / 4P
   Commercial and MIL Qualified
logo
IRC - a TT electronics ...
1900HT IRCTT-1900HT Datasheet
526Kb / 3P
   TaNFilm짰 High Temperature DIP and SIP Networks
logo
List of Unclassifed Man...
RN60D1000F ETC2-RN60D1000F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN55C1002F ETC2-RN55C1002F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN60D1002F ETC2-RN60D1002F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN55D1003F ETC2-RN55D1003F Datasheet
162Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
logo
IRC - a TT electronics ...
CCN IRCTT-CCN Datasheet
160Kb / 4P
   TaNFilm짰 Chip Carrier Resistor Network
RL07S1001G IRCTT-RL07S1001G Datasheet
152Kb / 3P
   Semi-Precision Mil-Qualified Metal Glaze Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com