Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCN-7800-01-1001-B-Q Datasheet(PDF) 4 Page - IRC - a TT electronics Company.

Part # CCN-7800-01-1001-B-Q
Description  TaNFilm짰 Chip Carrier Resistor Network
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CCN-7800-01-1001-B-Q Datasheet(HTML) 4 Page - IRC - a TT electronics Company.

  CCN-7800-01-1001-B-Q Datasheet HTML 1Page - IRC - a TT electronics Company. CCN-7800-01-1001-B-Q Datasheet HTML 2Page - IRC - a TT electronics Company. CCN-7800-01-1001-B-Q Datasheet HTML 3Page - IRC - a TT electronics Company. CCN-7800-01-1001-B-Q Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Power Derating Data
25
70
125
100
50
10
Ambient Temperature (°C)
CCN Series Issue April 2009 Sheet 4 of 4
TaNFilm® Chip Carrier
Resistor Network
Ordering Data
Prefix
CCN
-
7900 - 01 - 1001 - B - B
Model
7800: 20-pin, 19 resistor schematic, epoxy overcoat construction, 60/40 Sn/Pb solder plate terminations
7800LF: 20-pin, 19 resistor schematic, epoxy overcoat construction, 100% matte-tin (Pb-free) terminations
7807: 20-pin, 10 resistor schematic, epoxy overcoat construction, 60/40 Sn/Pb solder plate terminations
7807LF: 20-pin, 10 resistor schematic, epoxy overcoat construction, 100% matte-tin (Pb-free) terminations
7808: 20-pin, 10 resistor schematic, epoxy overcoat construction, 60/40 Sn/Pb solder plate terminations
7808LF: 20-pin, 10 resistor schematic, epoxy overcoat construction, 100% matte-tin (Pb-free) terminations
7809: 20-pin, 10 resistor schematic, epoxy overcoat construction, 60/40 Sn/Pb solder plate terminations
7809LF: 20-pin, 10 resistor schematic, epoxy overcoat construction, 100% matte-tin (Pb-free) terminations
7900: 20-pin, 19 resistor schematic, ceramic lid construction, gold over nickel plate terminations
7900SD: 20-pin, 19 resistor schematic, ceramic lid construction, Sn/Pb hot solder dipped terminations
7900LF: 20-pin, 19 resistor schematic, ceramic lid construction, 100% matte-tin (Pb-free) terminations
7907: 20-pin, 10 resistor schematic, ceramic lid construction, gold over nickel plate terminations
7907SD: 20-pin, 10 resistor schematic, ceramic lid construction, Sn/Pb hot solder dipped terminations
7907LF: 20-pin, 10 resistor schematic, ceramic lid construction, 100% matte-tin (Pb-free) terminations
7908: 20-pin, 10 resistor schematic, ceramic lid construction, gold over nickel plate terminations
7908SD: 20-pin, 10 resistor schematic, ceramic lid construction, Sn/Pb hot solder dipped terminations
7908LF: 20-pin, 10 resistor schematic, ceramic lid construction, 100% matte-tin (Pb-free) terminations
7909: 20-pin, 10 resistor schematic, ceramic lid construction, gold over nickel plate terminations
7909SD: 20-pin, 10 resistor schematic, ceramic lid construction, Sn/Pb hot solder dipped terminations
7909LF: 20-pin, 10 resistor schematic, ceramic lid construction, 100% matte-tin (Pb-free) terminations
TCR/Screening Code
Code
Classification
Absolute TCR
00
Commercial Grade
±300ppm/°C
01
Commercial Grade
±100ppm/°C
02
Commercial Grade
±50ppm/°C
03
Commercial Grade
±25ppm/°C
04
MIL-PRF-914M Screened
±300ppm/°C
05
MIL-PRF-914K Screened
±100ppm/°C
06
MIL-PRF-914H Screened
±50ppm/°C
07
MIL-PRF-914H Screened
±25ppm/°C
11
Commercial Grade
±15ppm/°C
Resistance Code
Standard 4-Digit MIL Resistance Code. Example: 1001 = 1000
Ω, 50R0 - 50Ω
Absolute Tolerance Code
B = ±0.1%; D = ±0.5%; F = ±1%; G = ±2%; J = ±5%
Ratio Tolerance to R
1
T = ±0.01%; Q = ±0.02%; A = ±0.05%; B = ±0.1%; D = ±0.5%; F = ±1%; G = ±2%


Similar Part No. - CCN-7800-01-1001-B-Q

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CCN-7900-01-1001-B-B TTELEC-CCN-7900-01-1001-B-B Datasheet
338Kb / 4P
   Resistor Network
More results

Similar Description - CCN-7800-01-1001-B-Q

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SON WELWYN-SON Datasheet
351Kb / 3P
   TaNFilm짰 Flat Precision Resistor Array
logo
IRC - a TT electronics ...
PCF-RC1206LF-330K-470-M IRCTT-PCF-RC1206LF-330K-470-M Datasheet
107Kb / 1P
   Resistor/Capacitor Chip Network
logo
Vishay Siliconix
RMK508N VISHAY-RMK508N Datasheet
107Kb / 3P
   Bare Chip Resistor Network
Revision: 06-Oct-08
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
4700 IRCTT-4700 Datasheet
312Kb / 4P
   TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
WCA-WCC-08-04-102-F-P IRCTT-WCA-WCC-08-04-102-F-P Datasheet
325Kb / 2P
   Thickfilm Chip Array Resistor Network
logo
Welwyn Components Limit...
PFC WELWYN-PFC Datasheet
67Kb / 2P
   TaNFilm짰 Precision Chip Resistors
logo
Bourns Electronic Solut...
4308S-L BOURNS-4308S-L Datasheet
30Kb / 2P
   Resistor Network
4310T-L BOURNS-4310T-L Datasheet
30Kb / 2P
   Resistor Network
4816T-L BOURNS-4816T-L Datasheet
29Kb / 2P
   Resistor Network
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com