Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCW-1-1R00-J-LF-BLK Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # CCW-1-1R00-J-LF-BLK
Description  Commercial Grade Power Axial Wirewound Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CCW-1-1R00-J-LF-BLK Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  CCW-1-1R00-J-LF-BLK Datasheet HTML 1Page - IRC - a TT electronics Company. CCW-1-1R00-J-LF-BLK Datasheet HTML 2Page - IRC - a TT electronics Company. CCW-1-1R00-J-LF-BLK Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Performance Curves
Sample Part No.
IRC Type
CCW - Power Axial Wirewound
Power rating
(see specs table)
Resistance Value (EIA 4-digit code)
(
≥100Ω - First 3 significant digits plus 4th digit multiplier)
Example: 100
Ω = 1000; 1000Ω = 1001
(>100
Ω - "R" is used to designate decimal)
Example: 10
Ω = 10R0; 1Ω = 1R00; 0.25Ω = R250
Tolerance (EIA format)
G = ±2%
J = ±5%
K = ±10%
RoHS - Compliance
LF = RoHS compliant construction
Packaging
BLK = bulk packaging
Ordering Data
CCW
2
1001
J
LF
BLK
Specify type, resistance, tolerance, RoHS-Compliance and packaging.
This example is for a Power Axial Wirewound, 2-watt, 1000
Ω resistor.
Commercial Grade Power
Axial Wirewound Resistor
100
80
60
40
20
0
50
100 150
Ambient Temperature (°C)
200 250 300
+70°C
+155°C
+275°C
-55
200
150
100
50
0
50
100
Rated Load (%)
8W, 9W
5W, 7W
2W, 3W
1/2W, 1W
Derating Curve
Temperature Rise Chart
CCW Series Issue August 2008 Sheet 3 of 3


Similar Part No. - CCW-1-1R00-J-LF-BLK

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CCW-1 TTELEC-CCW-1 Datasheet
300Kb / 3P
   Commercial Grade Power Axial Wirewound Resistor
More results

Similar Description - CCW-1-1R00-J-LF-BLK

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CCW TTELEC-CCW Datasheet
300Kb / 3P
   Commercial Grade Power Axial Wirewound Resistor
logo
IRC - a TT electronics ...
CAW IRCTT-CAW Datasheet
245Kb / 3P
   Commercial Grade Axial Lead Power Wirewound & Film Resistor
logo
Vishay Siliconix
MRP VISHAY-MRP Datasheet
87Kb / 3P
   Wirewound Resistor, Commercial Power, Silicone Coated, Axial Lead
logo
Ohmite Mfg. Co.
HS100F1R0E OHMITE-HS100F1R0E Datasheet
210Kb / 2P
   Aluminum Housed Axial Terminal Wirewound, Industrial/Commercial Grade
logo
Vishay Siliconix
CPW VISHAY-CPW Datasheet
99Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
Revision: 09-Jan-12
CA0001 VISHAY-CA0001 Datasheet
86Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
CA VISHAY-CA Datasheet
98Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
AC03 VISHAY-AC03 Datasheet
94Kb / 4P
   Axial Cemented Wirewound Safety Resistor
Revision: 24-May-12
logo
Ohmite Mfg. Co.
HSN100FR05E OHMITE-HSN100FR05E Datasheet
201Kb / 1P
   HSN100FR05E Wirewound, Industrial/Commercial Grade
logo
Vishay Siliconix
CPHV VISHAY-CPHV Datasheet
90Kb / 3P
   Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
Revision: 14-Aug-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com