Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP-8987SQ-06-1001-JF-0 Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # FP-8987SQ-06-1001-JF-0
Description  Space Flight Surface Mount Flat Packs Resistor Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

FP-8987SQ-06-1001-JF-0 Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  FP-8987SQ-06-1001-JF-0 Datasheet HTML 1Page - IRC - a TT electronics Company. FP-8987SQ-06-1001-JF-0 Datasheet HTML 2Page - IRC - a TT electronics Company. FP-8987SQ-06-1001-JF-0 Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
8900 Space Series
100% screened to NASA EEE-INST-002 Level 1
Gold to gold bonded lead construction - no internal solder connections
or wire bonds
Excellent passive solution for space flight hardware
Self Passivating TaNFilm® element with superior moisture performance
_____
Electrical Data
The 8900 Space Series features our TaNFilm® Flat Pack Network superior moisture performance of tantalum
nitride resistor film system. Rugged, welded lead construction eliminates fragile wire bond construction and
provides superior surface mount reliability. These parts are screened per MIL-PRF-83401 then upgraded to
the stringent screening requirements for NASA space flight requirements.
Space Flight Surface Mount
Flat Packs Resistor Networks
Package
Range
Available
Absolute
Tolerances
Available
Ratio Tolerance
(reference R1)
Available
Absolute TCR
(ppm/°C)
Tracking TCR
(reference to R1)
(ppm/°C)
MIL-PRF-83401 Ratings
Voltage
(not to exceed
P x R)
Element
Power Rating
70°C
Isolated
Schematic
20
Ω - 99Ω
F G J
F G J
±100
±10
50V
50mW
100
Ω - 121KΩ
B F G J
A B F G
±25, ±50, ±100
±5
Bussed
Schematic
20
Ω - 499Ω
F G J
F G J
±100
±20
50V
25mW
500.0
Ω - 100KΩ
B F G J
A B F G
±25, ±50, ±100
±5
Series
Type
Precap
per
MIL-STD-883
Optional
Precap
Source
Verification
Screening
per
MIL-PRF-83401
Addition Screening IAW EEE-INST-002 Level 1
Serialized
Thermal Shock
25 Cycles
Power
Conditioning
100 Hours
Optional
Final Source
Inspection
Marking P/N
89xxSQ
Yes
Yes
Yes
Yes
Yes
Yes
Yes
89xxSQ
-xx-yyyyzz
Screening Data
8900 Space Series Issue Feb 2009 Sheet 1 of 3


Similar Part No. - FP-8987SQ-06-1001-JF-0

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
FP-8987-01-1001DB IRCTT-FP-8987-01-1001DB Datasheet
260Kb / 4P
   TaNFilm짰 Precision Flat Pack Networks
FP-8987-01-1001DC IRCTT-FP-8987-01-1001DC Datasheet
260Kb / 4P
   TaNFilm짰 Precision Flat Pack Networks
FP-8987-01-1001DD IRCTT-FP-8987-01-1001DD Datasheet
260Kb / 4P
   TaNFilm짰 Precision Flat Pack Networks
FP-8987-01-1001DF IRCTT-FP-8987-01-1001DF Datasheet
260Kb / 4P
   TaNFilm짰 Precision Flat Pack Networks
FP-8987-01-1001FB IRCTT-FP-8987-01-1001FB Datasheet
260Kb / 4P
   TaNFilm짰 Precision Flat Pack Networks
More results

Similar Description - FP-8987SQ-06-1001-JF-0

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GUS-TS8A-00-1002-J IRCTT-GUS-TS8A-00-1002-J Datasheet
336Kb / 4P
   Surface Mount TSSOP Resistor Networks
GUS-SS4A-00-1002-J IRCTT-GUS-SS4A-00-1002-J Datasheet
300Kb / 4P
   Surface Mount SOIC Resistor Networks
logo
TT Electronics.
GUS-QS8BLF012001-G TTELEC-GUS-QS8BLF012001-G Datasheet
336Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
Welwyn Components Limit...
SOIC WELWYN-SOIC Datasheet
429Kb / 3P
   Surface Mount SOIC Resistor Networks
logo
IRC - a TT electronics ...
SOT-SOT143-00-A002-G IRCTT-SOT-SOT143-00-A002-G Datasheet
344Kb / 3P
   SOT143 Surface Mount Resistor Networks
GUS-QS8A-00-1002-J IRCTT-GUS-QS8A-00-1002-J Datasheet
387Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
Vishay Siliconix
FP200 VISHAY-FP200 Datasheet
99Kb / 2P
   Hermetic Flat-Pak Resistor Networks
Revision 18-Nov-02
FP201 VISHAY-FP201 Datasheet
223Kb / 3P
   Hermetic Flat-Pak Resistor Networks
Revision: 05-Mar-08
logo
Bi technologies
627T BITECH-627T Datasheet
153Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
627T BITECH-627T Datasheet
61Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com