Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C44 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS320C44
Description  DIGITAL SIGNAL PROCESSOR
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C44 Datasheet(HTML) 4 Page - Texas Instruments

  TMS320C44 Datasheet HTML 1Page - Texas Instruments TMS320C44 Datasheet HTML 2Page - Texas Instruments TMS320C44 Datasheet HTML 3Page - Texas Instruments TMS320C44 Datasheet HTML 4Page - Texas Instruments TMS320C44 Datasheet HTML 5Page - Texas Instruments TMS320C44 Datasheet HTML 6Page - Texas Instruments TMS320C44 Datasheet HTML 7Page - Texas Instruments TMS320C44 Datasheet HTML 8Page - Texas Instruments TMS320C44 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
TMS320C44
DIGITAL SIGNAL PROCESSOR
SPRS031B – AUGUST 1994 – REVISED DECEMBER 1995
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
functions
This section lists signal descriptions for the ’320C44 device: each signal, number of pins, operating mode(s)
(that is, input, output, or high-impedance state as indicated by I, O, or Z, respectively ), and function. The signals
are grouped according to function.
Pin Functions
SIGNAL NAME
NO. OF
PINS
TYPE†
DESCRIPTION
GLOBAL-BUS EXTERNAL INTERFACE (73 pins)
D31 – D0
32
I/O/Z
32-bit data port of the global-bus external interface
DE
1
I
Data-bus-enable signal for the global-bus external interface
A23 – A0
24
O/Z
24-bit address port of the global-bus external interface
AE
1
I
Address-bus-enable signal for the global-bus external interface
STAT3 – STAT0
4
O
Status signals for the global-bus external interface
LOCK
1
O
Lock signal for the global-bus external interface
STRB0‡
1
O/Z
Access strobe 0 for the global-bus external interface
R/W0‡
1
O/Z
Read / write signal for STRB0 accesses
PAGE0‡
1
O/Z
Page signal for STRB0 accesses
RDY0‡
1
I
Ready signal for STRB0 accesses
CE0‡
1
I
Control enable for the STRB0, PAGE0, and R / W0 signals
STRB1‡
1
O/Z
Access strobe 1 for the global-bus external interface
R/W1‡
1
O/Z
Read / write signal for STRB1 accesses
PAGE1‡
1
O/Z
Page signal for STRB1 accesses
RDY1‡
1
I
Ready signal for STRB1 accesses
CE1‡
1
I
Control enable for the STRB1, PAGE1, and R / W1 signals
LOCAL-BUS EXTERNAL INTERFACE (73 pins)
LD31 – LD0
32
I/O/Z
32-bit data port of the local-bus external interface
LDE
1
I
Data-bus-enable signal for the local-bus external interface
LA23 – LA0
24
O/Z
24-bit address port of the local-bus external interface
LAE
1
I
Address-bus-enable signal for the local-bus external interface
LSTAT3 – LSTAT0
4
O
Status signals for the local-bus external interface
LLOCK
1
O
Lock signal for the local-bus external interface
LSTRB0‡
1
O/Z
Access strobe 0 for the local-bus external interface
LR / W0
1
O/Z
Read / write signal for LSTRB0 accesses
LPAGE0
1
O/Z
Page signal for LSTRB0 accesses
LRDY0
1
I
Ready signal for LSTRB0 accesses
LCE0
1
I
Control enable for the LSTRB0, LPAGE0, and LR / W0 signals
LSTRB1‡
1
O/Z
Access strobe 1 for the local-bus external interface
LR / W1
1
O/Z
Read / write signal for LSTRB1 accesses
LPAGE1
1
O/Z
Page signal for LSTRB1 accesses
LRDY1
1
I
Ready signal for LSTRB1 accesses
LCE1
1
I
Control enable for the LSTRB1, LPAGE1, and LR / W1 signals
† I = input, O = output, Z = high impedance
‡ The effective address range is defined by the local /global STRB ACTIVE bits in the memory interface-control registers.


Similar Part No. - TMS320C44

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C44 TI-TMS320C44 Datasheet
575Kb / 52P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C44GFW50 TI-TMS320C44GFW50 Datasheet
575Kb / 52P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C44GFW60 TI-TMS320C44GFW60 Datasheet
575Kb / 52P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C44GFWA TI-TMS320C44GFWA Datasheet
575Kb / 52P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C44PDB50 TI-TMS320C44PDB50 Datasheet
575Kb / 52P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C44

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com