Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHC-CD1065ALF-01-15R0J Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # CHC-CD1065ALF-01-15R0J
Description  Ceramic Ball Grid Termination Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CHC-CD1065ALF-01-15R0J Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  CHC-CD1065ALF-01-15R0J Datasheet HTML 1Page - IRC - a TT electronics Company. CHC-CD1065ALF-01-15R0J Datasheet HTML 2Page - IRC - a TT electronics Company. CHC-CD1065ALF-01-15R0J Datasheet HTML 3Page - IRC - a TT electronics Company. CHC-CD1065ALF-01-15R0J Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
CHC Series Issue April 2009 Sheet 1 of 4
Package
Resistance
Range (
Ω)
Absolute
Tolerances
Absolute TCR
Package Power
Rating 70°C*
Element Power
Rating 70°C*
Operating
Temperature
CB0565A
10R to 4.7K
±1%, ±2%
±100ppm/°C
0.6W
0.1W
-40°C to +85°C
10R to 10.0K
±5%
CB0565B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
CD0865A
10R to 4.7K
±1%, ±2%
±100ppm/°C
1.2W
10R to 10.0K
±5%
CD0865B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
CD1065A
10R to 4.7K
±1%, ±2%
±100ppm/°C
1.6W
10R to 10.0K
±5%
CD1065B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
CC0910A
10R to 4.7K
±1%, ±2%
±100ppm/°C
1.2W
10R to 10.0K
±5%
CC0910B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
CD0910A
10R to 4.7K
±1%, ±2%
±100ppm/°C
1.2W
10R to 10.0K
±5%
CD0910B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
Electrical Data
*Rated power is from 0°C to 70°C derated linearly to 0W at 85°C.
Ceramic Ball Grid
Termination Arrays
CHC Series
Superior TaNFilm® resistors on ceramic substrate
High density networks on a reduced footprint
Excellent high frequency performance
Standard tolerances to ±1%
RoHS compliant terminations available
IRC’s Chipscale on ceramic CHC offers high performance terminal
solutions in a small surface mount package. Sn/Pb solder balls
placed on a ceramic substrate permit very low parasitic inductance and
capacitance. This improves speeds, lowers propagation delays, and reduces ground bounce. IRC’s proven
tantalum nitride thin film technology can handle the most demanding applications.
For all of your high density, small footprint termination needs, use IRC’s CHC Termination arrays.
High
purity alumina
substrate
Ball grid
terminations


Similar Part No. - CHC-CD1065ALF-01-15R0J

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CHC-CD0927K-01-4750 IRCTT-CHC-CD0927K-01-4750 Datasheet
378Kb / 1P
   SCSI LVD Chipscale Termination Network
CHC-CD0927KLF-01-4750 IRCTT-CHC-CD0927KLF-01-4750 Datasheet
378Kb / 1P
   SCSI LVD Chipscale Termination Network
More results

Similar Description - CHC-CD1065ALF-01-15R0J

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CHC TTELEC-CHC_17 Datasheet
1Mb / 4P
   Ceramic Ball Grid Termination Arrays
logo
IRC - a TT electronics ...
CHC-PRECISION IRCTT-CHC-PRECISION Datasheet
205Kb / 3P
   Precision Ceramic Ball Grid Arrays
logo
TT Electronics.
CHC-CH8A-03-1002-BB TTELEC-CHC-CH8A-03-1002-BB Datasheet
389Kb / 3P
   Precision Ceramic Ball Grid Arrays
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
   Ball Grid Array Packaging
04.24.14
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array
logo
Yamaichi Electronics Co...
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
   Ball Grid Array (FBGA / CSP / LGA)
NP276-11904 YAMAICHI-NP276-11904 Datasheet
738Kb / 11P
   Ball Grid Array (BGA, 1.27mm Pitch)
NP396-500 YAMAICHI-NP396-500 Datasheet
120Kb / 1P
   Shrink Ball Grid Array (1.27mm Pitch)
IC264-22501-1 YAMAICHI-IC264-22501-1 Datasheet
200Kb / 1P
   Ball Grid Array (BGA, 1.50mm Pitch)
logo
KOA Speer Electronics, ...
BR KOA-BR Datasheet
370Kb / 2P
   ball grid array (bga) resistor networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com