Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCN-7800-03-1001-G-T Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # CCN-7800-03-1001-G-T
Description  TaNFilm짰 Chip Carrier Resistor Network
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CCN-7800-03-1001-G-T Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  CCN-7800-03-1001-G-T Datasheet HTML 1Page - IRC - a TT electronics Company. CCN-7800-03-1001-G-T Datasheet HTML 2Page - IRC - a TT electronics Company. CCN-7800-03-1001-G-T Datasheet HTML 3Page - IRC - a TT electronics Company. CCN-7800-03-1001-G-T Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
CCN Series Issue April 2009 Sheet 2 of 4
TaNFilm® Chip Carrier
Resistor Network
Physical Data
0.015
x45°
0.050
Typ
0.018
Typ
0.025
± .003
0.085
0.050
Typ
0.035
x 45°
3 places
0.0200
Typ
0.290
± .010
0.025
± .003
0.350
± .008
0.075
± .010
0.026
± .003
TOP VIEW
SIDE VIEW
79xx SERIES
SIDE VIEW
78xx SERIES
BOTTOM VIEW
Circuit
Resistance
Range
Available
Absolute Tolerances
Available
Ratio Tolerances
(Ratio to R1)
Best
Absolute TCR
Tracking TCR
(Track to R1)
Isolated
Schematics
7907/7807
7908/7808
10
Ω - 24.9Ω
F G J
D F G
±300 ppm/°C
±50 ppm/°C
25.0
Ω - 49.9Ω
F G J
D F G
±100 ppm/°C
±25 ppm/°C
50
Ω - 199Ω
D F G J
B D F G
±50 ppm/°C
±10 ppm/°C
200
Ω - 999Ω
B D F G J
B D F G
±25 ppm/°C
±5 ppm/°C
1.0K -50.0K
B D F G J
A B D F G
±25 ppm/°C
±5 ppm/°C
Isolated
Schematic
7909/7809
10
Ω - 24.9Ω
F G J
D F G
±300 ppm/°C
±50ppm/°C
25
Ω - 74.9Ω
F G J
D F G
±100 ppm/°C
±25 ppm/°C
75
Ω - 379Ω
D F G J
B D F G
±50 ppm/°C
±10 ppm/°C
380
Ω - 999Ω
B D F G J
A B D F G
±25 ppm/°C
±5 ppm/°C
1.0K
Ω - 100KΩ
B D F G J
T Q A B D F G
±25 ppm/°C
±5 ppm/°C
101K
Ω - 250KΩ
B D F G J
A B D F G
±25 ppm/°C
±5 ppm/°C
Bussed
Schematic
7900/7800
10
Ω - 24.9Ω
F G J
D F G
±300 ppm/°C
±50ppm/°C
25
Ω - 74.9Ω
F G J
D F G
±100 ppm/°C
±25ppm/°C
75
Ω - 149Ω
F G J
B D F G
±50 ppm/°C
±10ppm/°C
150
Ω - 100KΩ
B D F G J
A B D F G
±25 ppm/°C
±5ppm/°C
Manufacturing Capability Data


Similar Part No. - CCN-7800-03-1001-G-T

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CCN-7900-01-1001-B-B TTELEC-CCN-7900-01-1001-B-B Datasheet
338Kb / 4P
   Resistor Network
More results

Similar Description - CCN-7800-03-1001-G-T

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SON WELWYN-SON Datasheet
351Kb / 3P
   TaNFilm짰 Flat Precision Resistor Array
logo
IRC - a TT electronics ...
PCF-RC1206LF-330K-470-M IRCTT-PCF-RC1206LF-330K-470-M Datasheet
107Kb / 1P
   Resistor/Capacitor Chip Network
logo
Vishay Siliconix
RMK508N VISHAY-RMK508N Datasheet
107Kb / 3P
   Bare Chip Resistor Network
Revision: 06-Oct-08
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
4700 IRCTT-4700 Datasheet
312Kb / 4P
   TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
WCA-WCC-08-04-102-F-P IRCTT-WCA-WCC-08-04-102-F-P Datasheet
325Kb / 2P
   Thickfilm Chip Array Resistor Network
logo
Welwyn Components Limit...
PFC WELWYN-PFC Datasheet
67Kb / 2P
   TaNFilm짰 Precision Chip Resistors
logo
Bourns Electronic Solut...
4308S-L BOURNS-4308S-L Datasheet
30Kb / 2P
   Resistor Network
4310T-L BOURNS-4310T-L Datasheet
30Kb / 2P
   Resistor Network
4816T-L BOURNS-4816T-L Datasheet
29Kb / 2P
   Resistor Network
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com