Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHT817N1PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHT817N1PT
Description  NPN Muti-Chip General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHT817N1PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHT817N1PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHT817N1PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHT817N1PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CHT817N1PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb = 25 °C unless otherwise speciÞed.
Note
1. Pulse test: tp ≤ 300 µs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to ambient
note 1
105
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = 25 V
100
nA
IEBO
IC = 0; VCB = 25 V; TA = 150 OC
50
uA
emitter cut-off current
IC = 0; VEB = 4 V
100
nA
hFE
DC current gain
IC = 100 mA; VCE =1.0V; note 1
100
600
VCEsat
collector-emitter saturation
voltage
IC = 500 mA ; IB = 50 mA
1.2
mV
VBEsat
base-emitter saturation voltage
IC = 500 mA; IB = 50mA
Cc
collector capacitance
IE = ie = 0; VCB = 10V ; f = 1 MHz
6.0
pF
fT
transition frequency
IC = 50 mA; VCE = 5 V ;
f = 100 MHz
170
MHz
RATING CHARACTERISTIC ( CHT817N1PT )
V
700
2. hFE: Classification Q: 100 to 250, R: 160 to 400, S: 250 to 600


Similar Part No. - CHT817N1PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHT817PT CHENMKO-CHT817PT Datasheet
114Kb / 4P
   NPN Muti-Chip General Purpose Amplifier
CHT817WPT CHENMKO-CHT817WPT Datasheet
108Kb / 4P
   NPN Muti-Chip General Purpose Amplifier
More results

Similar Description - CHT817N1PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CH847SPT CHENMKO-CH847SPT Datasheet
114Kb / 4P
   NPN Muti-Chip General Purpose Amplifier
CHT817WPT CHENMKO-CHT817WPT Datasheet
108Kb / 4P
   NPN Muti-Chip General Purpose Amplifier
CH837SPT CHENMKO-CH837SPT Datasheet
115Kb / 4P
   NPN Muti-Chip General Purpose Amplifier
CHT817PT CHENMKO-CHT817PT Datasheet
114Kb / 4P
   NPN Muti-Chip General Purpose Amplifier
CHT857BPT CHENMKO-CHT857BPT Datasheet
127Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
CHT856BPT CHENMKO-CHT856BPT Datasheet
127Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
CHT857BWPT CHENMKO-CHT857BWPT Datasheet
128Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
CHT856BWPT CHENMKO-CHT856BWPT Datasheet
127Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
CHT807PT CHENMKO-CHT807PT Datasheet
117Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
CHT857BTPT CHENMKO-CHT857BTPT Datasheet
125Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com