Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL-1010RDFLF Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # AL-1010RDFLF
Description  Chassis Mounted Power Wirewound Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

AL-1010RDFLF Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  AL-1010RDFLF Datasheet HTML 1Page - IRC - a TT electronics Company. AL-1010RDFLF Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data
Sample Part No.
IRC Type
AL
Power
10, 25, 50
Range
Tolerance
J = ±5%; F = ±1%; D = ±0.5%; B = ±0.1%
Lead Free Construction
Ordering Data
AL - 10
10RD
F
LF
Chassis Mounted Power
Wirewound Resistor
Dimensions (inches and (mm))
Style
Tol.
(metric)
AL-5
A
±0.005
±0.1
0.444
(11.28)
B
±0.005
±0.1
0.490
(12.45)
C
±0.031
±0.8
0.600
(15.24)
D
±0.062
±1.6
1.035
(28.58)
E
±0.015
±0.4
0.334
(8.48)
F
±0.015
±0.4
0.646
(16.41)
G
±0.015
±0.4
0.320
(8.13)
H
±0.010
±0.25
0.065
(1.65)
J
±0.010
±0.25
0.140
(3.56)
K
±0.010
±0.25
0.078
(1.98)
L
±0.005
±0.1
0.093
(2.36)
M
±0.015
±0.4
0.078
(1.98)
N
±0.005
±0.1
0.050
(1.27)
AL-10
0.562
(14.27)
0.625
(15.88)
0.750
(19.1)
1.375
(34.93)
0.430
(10.92)
0.800
(20.3)
0.400
(10.2)
0.075
(1.91)
0.190
(4.83)
0.093
(2.4)
0.093
(2.4)
0.102
(2.59)
0.086
(2.18)
AL-25
0.719
(18.26)
0.781
(19.84)
1.062
(26.97)
1.938
(49.23)
0.530
(13.46)
1.080
(27.43)
0.560
(14.22)
0.085
(2.16)
0.260
(6.6)
0.172
(4.37)
0.125
(3.18)
0.115
(2.92)
0.086
(2.18)
AL-50
1.563
(39.7)
0.844
(21.44)
1.968
(49.99)
2.781
(70.64)
0.615
(15.62)
1.140
(28.96)
0.615
(15.62)
0.085
(2.16)
0.300
(7.62)
0.196
(4.97)
0.125
(3.18)
0.107
(2.71)
0.086
(2.18)
J
E
F
H
G
D
B
M
C
A
K
N
L
AL resistors are rated to operate with a 275°C maximum hotspot under full rated power
at 25°C ambient. They must be derated for higher ambient temperature per "Wattage
vs. Ambient Temperature Derating Curve."
AL Series Issue August 2008 Sheet 2 of 2
Power Derating Curve
120
100
80
60
40
20
0
25
75
125
175
225
275
Ambient Temperature (°C)
325
Aluminum Chassis
A
B
C


Similar Part No. - AL-1010RDFLF

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-103B4C A-BRIGHT-AL-103B4C Datasheet
311Kb / 5P
   10 mm Round LED Lamps
2008/3/19
AL-103B4C A-BRIGHT-AL-103B4C Datasheet
311Kb / 5P
   10mm Round LED Lamps
2008/3/19
AL-103B4C A-BRIGHT-AL-103B4C Datasheet
316Kb / 5P
   10mm Round LED Lamps
2008/3/19
AL-103B4C A-BRIGHT-AL-103B4C_08 Datasheet
311Kb / 5P
   10mm Round LED Lamps
2008/3/19
logo
Lucky Light Electronic
AL-103B4C LUCKY-LIGHT-AL-103B4C_15 Datasheet
316Kb / 5P
   LED Lamps
More results

Similar Description - AL-1010RDFLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
W3M22R0J BOURNS-W3M22R0J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
IRC - a TT electronics ...
AS-321R0JLF IRCTT-AS-321R0JLF Datasheet
182Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
TT Electronics.
WPRT TTELEC-WPRT Datasheet
718Kb / 4P
   Wirewound Power Radial Terminal Resistor
logo
List of Unclassifed Man...
AS-327R0 ETC1-AS-327R0 Datasheet
103Kb / 2P
   SEMI-PRECISION POWER WIREWOUND RESISTOR
logo
Welwyn Components Limit...
AS-1 WELWYN-AS-1 Datasheet
435Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
TT Electronics.
AS3-27KFI TTELEC-AS3-27KFI Datasheet
642Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
Vishay Siliconix
VNPC VISHAY-VNPC Datasheet
102Kb / 5P
   Vitreous Wirewound Power Resistor, Flat
C38T VISHAY-C38T Datasheet
626Kb / 5P
   Reinforced Winding Wirewound Power Resistor
logo
Stackpole Electronics, ...
SP_SERIES SEI-SP_SERIES Datasheet
273Kb / 4P
   Fusing Wirewound Resistor
4/30/2021
logo
TT Electronics.
CCW TTELEC-CCW Datasheet
300Kb / 3P
   Commercial Grade Power Axial Wirewound Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com