Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1900 Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part No. 1900
Description  TaNFilm® Precision DIP Network Commercial and MIL Qualified
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRCTT [IRC - a TT electronics Company.]
Homepage  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

1900 Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  1900 Datasheet HTML 1Page - IRC - a TT electronics Company. 1900 Datasheet HTML 2Page - IRC - a TT electronics Company. 1900 Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Schematic Data
Model 1989
RZ010, RZ130
Schematic A
Model 1999
RZ020, RZ140
Schematic A
Model 1987
RZ010, RZ130
Schematic B
Model 1998
RZ020, RZ140
Schematic B
R1
R1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
R1
R1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
R1
R1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1
2
3
4
5
6
7
8
9
10
11
12
13
14
R1
R1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DIP
1999
03
1001
B
F
Prefix
Model
1987 = 14-pin DIP, schematic B, gold terminations
1987SD = 14-pin DIP, schematic B, 60/40 Sn/Pb terminations
1989 = 14-pin DIP, schematic A, gold terminations
1989SD = 14-pin DIP, schematic A, 60/40 Sn/Pb terminations
1998 = 16-pin DIP, schematic B, gold terminations
1998SD = 16-pin DIP, schematic B, 60/40 Sn/Pb terminations
1999 = 16-pin DIP, schematic A, gold terminations
1999SD = 16-pin DIP, schematic A, 60/40 Sn/Pb terminations
Absolute TCR
01 = ±100ppm/°C; 02 = ±50ppm/°C; 03 = ±25ppm/°C; 11 = ±15ppm/°C
Resistance
Standard 4-digit MIL resistance code
Example: 1001 = 1000
Ω; 50R0=50Ω
Absolute Tolerance
J = ±5%; G = ±2%; F = ±1.0%; D = ±0.5%; B = ±0.1%
Optional Ratio Tolerance to R
1
F = ±1.0%; D = ±0.5%; C = ±0.25%; B = ±0.1%; A = ±0.05%
Custom schematics and screening available.
Screening available for non-QPL values and tolerances. Contact factory for ordering information.
Commercial Ordering Data
Prefix
Specification Sheet
01 = 14-pin DIP
02 = 16-pin DIP
13 = 14-pin HI REL DIP
14 = 16-pin HI REL DIP
Characteristic
M, K, H
Resistance
Standard 4-digit MIL resistance code
Example: 1001 = 1000
Ω; 50R0=50Ω
Absolute Tolerance
J = ±5%; G = ±2%; F = ±1.0%; D = ±0.5%; B = ±0.1%
Schematic
A = Isolated; B = Bussed Schematic
Standard lead termination is gold plate.
Contact factory for optional 60/40 Sn/Pb solder dip finish.
MIL Screened Ordering Data
(MIL-PRF-83401)
M83401
01
K
1001
F
A
TaNFilm® Precision DIP Network
Commercial and MIL Qualified
1900 Series Issue January 2009 Sheet 3 of 3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn