Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHM9939AJPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHM9939AJPT
Description  Dual Enhancement Mode Field Effect Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHM9939AJPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHM9939AJPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHM9939AJPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHM9939AJPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING CHARACTERISTIC CURVES ( CHM9939AJPT )
N-Channel Electrical Characteristics T
A = 25°C unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
30
ON CHARACTERISTICS
g FS
Forward Transconductance
VDS =15V, ID = 7A
RDS(ON)
Static Drain-Source On-Resistance
m
VGS=10V, ID=7A
SWITCHING CHARACTERISTICS
Qgs
Gate-Source Charge
Q gd
Gate-Drain Charge
ton
Turn-On Time
nS
V
DD
= 25V
ID = 1.0A, VGS= 10 V
24
tr
Rise Time
14
1
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
nA
30
V
nA
I
GSSF
DSS
S
Zero Gate Voltage Drain Current
I
VDS
Gate-Body Leakage
=
Gate-Body Leakage
30 V,
V
V
GS
GS
= 20V,
= 0 V
VDS
µ
= 0 V
A
+100
-100
VGS = -20V, VDS = 0 V
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
1
V
VGS=4.5V, ID=3.5A
60
tf
Fall Time
15
Qg
Total Gate Charge
6
VDS=15V, ID=2A
VGS=10V
Turn-Off Time
toff
RGEN= 6
(Note 2)
(Note 4)
3
10
nC
16
7
47
10
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
20
I
VSD
Drain-Source Diode Forward Current
Drain-Source Diode Forward Voltage IS = 2.0A, VGS= 0 V
2.3
1.1
A
V
(Note 1)
(Note 2)
42
24
32
3
24
I
GSSR
S


Similar Part No. - CHM9939AJPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHM9935AJPT CHENMKO-CHM9935AJPT Datasheet
199Kb / 2P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CHM9936AJPT CHENMKO-CHM9936AJPT Datasheet
461Kb / 3P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - CHM9939AJPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHM4600JPT CHENMKO-CHM4600JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM8938JPT CHENMKO-CHM8938JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEH2609 CET-CEH2609 Datasheet
572Kb / 7P
   Dual Enhancement Mode Field Effect Transistor
CEM3109 CET-CEM3109 Datasheet
620Kb / 7P
   Dual Enhancement Mode Field Effect Transistor
CEM8958A CET-CEM8958A Datasheet
427Kb / 7P
   Dual Enhancement Mode Field Effect Transistor
logo
Chenmko Enterprise Co. ...
CHM8401JPT CHENMKO-CHM8401JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM8958JPT CHENMKO-CHM8958JPT Datasheet
551Kb / 5P
   Dual Enhancement Mode Field Effect Transistor
CHM11C2JPT CHENMKO-CHM11C2JPT Datasheet
321Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM4532JPT CHENMKO-CHM4532JPT Datasheet
319Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM4559JPT CHENMKO-CHM4559JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com