Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHM6426PAPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHM6426PAPT
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHM6426PAPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHM6426PAPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHM6426PAPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHM6426PAPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTIC ( CHM6426PAPT )
Electrical Characteristics T
A = 25°C unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
66
ON CHARACTERISTICS
RDS(ON)
Static Drain-Source On-Resistance
m
VGS=10V, ID=8A
SWITCHING CHARACTERISTICS
Qgs
Gate-Source Charge
Q gd
Gate-Drain Charge
ton
Turn-On Time
nS
V
DD
= 30V
ID = 1.0A, VGS= 10 V
20
tr
Rise Time
5.8
1
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
nA
60
V
nA
I
GSSF
DSS
S
Zero Gate Voltage Drain Current
I
VDS
Gate-Body Leakage
=
Gate-Body Leakage
60 V,
V
V
GS
GS
= 20V,
= 0 V
VDS
µ
= 0 V
A
+100
-100
VGS = -20V, VDS = 0 V
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
1
V
VGS=4.5V, ID=6.4A
59.4
tf
Fall Time
5
Qg
Total Gate Charge
2.5
VDS=30V, ID=4.5A
VGS=10V
Turn-Off Time
toff
RGEN= 6
(Note 2)
(Note 4)
3
nC
10
2.9
29.7
2.5
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
12.9
I
VSD
Drain-Source Diode Forward Current
Drain-Source Diode Forward Voltage IS = 8A, VGS= 0 V
16
1.2
A
V
(Note 1)
(Note 2)
85
45
65
1.6
17.1
I
GSSR
Dynamic Characteristics
Input Capacitance
Reverse Transfer Capacitance
Output Capacitance
Ciss
Coss
Crss
VDS = 25V, VGS = 0V,
f = 1.0 MHz
680
80
45
pF


Similar Part No. - CHM6426PAPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHM6426JPT CHENMKO-CHM6426JPT Datasheet
260Kb / 2P
   N-Channel Enhancement Mode Field Effect Transistor
CHM6426XPT CHENMKO-CHM6426XPT Datasheet
374Kb / 3P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - CHM6426PAPT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com