Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLV5639C Datasheet(PDF) 1 Page - Texas Instruments

Part No. TLV5639C
Description  2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5639C Datasheet(HTML) 1 Page - Texas Instruments

  TLV5639C Datasheet HTML 1Page - Texas Instruments TLV5639C Datasheet HTML 2Page - Texas Instruments TLV5639C Datasheet HTML 3Page - Texas Instruments TLV5639C Datasheet HTML 4Page - Texas Instruments TLV5639C Datasheet HTML 5Page - Texas Instruments TLV5639C Datasheet HTML 6Page - Texas Instruments TLV5639C Datasheet HTML 7Page - Texas Instruments TLV5639C Datasheet HTML 8Page - Texas Instruments TLV5639C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TLV5639C, TLV5639I
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG
CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
SLAS189 – MARCH 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 12-Bit Voltage Output DAC
D Programmable Internal Reference
D Programmable Settling Time vs Power
Consumption
1
µs in Fast Mode
3.5
µs in Slow Mode
D Compatible With TMS320
D Differential Nonlinearity... <0.5 LSB Typ
D Voltage Output Range ... 2x the
Reference Voltage
D Monotonic Over Temperature
applications
D Digital Servo Control Loops
D Digital Offset and Gain Adjustment
D Industrial Process Control
D Machine and Motion Control Devices
D Mass Storage Devices
description
The TLV5639 is a 12-bit voltage output digital-to-analog converter (DAC) with a microprocessor compatible
parallel interface. It is programmed with a 16-bit data word containing 4 control and 12 data bits. Developed for
a wide range of supply voltages, the TLV5639 can be operated from 2.7 V to 5.5 V.
The resistor string output voltage is buffered by a x2 gain rail-to-rail output buffer. The buffer features a Class AB
output stage to improve stability and reduce settling time. The programmable settling time of the DAC allows
the designer to optimize speed versus power dissipation. Because of its ability to source up to 1 mA, the internal
reference can also be used as a system reference. With its on-chip programmable precision voltage reference,
the TLV5639 simplifies overall system design. The settling time and the reference voltage can be chosen by
the control bits within the 16-bit data word.
Implemented with a CMOS process, the device is designed for single supply operation from 2.7 V to 5.5 V. It
is available in 20-pin SOIC and TSSOP packages in standard commercial and industrial temperature ranges.
AVAILABLE OPTIONS
PACKAGE
TA
SOIC
(DW)
TSSOP
(PW)
0
°C to 70°C
TLV5639CDW
TLV5639CPW
–40
°C to 85°C
TLV5639IDW
TLV5639IPW
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D1
D0
CS
WE
LDAC
REG
AGND
OUT
REF
VDD
DW OR PW PACKAGE
(TOP VIEW)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TLV5633C 2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5636 2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5638 2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5624 2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5626 2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5637 2.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5616C 2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5631 8-CHANNEL 12-/10-/8-BIT 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE 1  2  3  4  5  More Texas Instruments
TLV5606 2.7 V TO 5.5 V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5623C 2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn