Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLV5639C Datasheet(PDF) 4 Page - Texas Instruments

Part No. TLV5639C
Description  2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5639C Datasheet(HTML) 4 Page - Texas Instruments

  TLV5639C Datasheet HTML 1Page - Texas Instruments TLV5639C Datasheet HTML 2Page - Texas Instruments TLV5639C Datasheet HTML 3Page - Texas Instruments TLV5639C Datasheet HTML 4Page - Texas Instruments TLV5639C Datasheet HTML 5Page - Texas Instruments TLV5639C Datasheet HTML 6Page - Texas Instruments TLV5639C Datasheet HTML 7Page - Texas Instruments TLV5639C Datasheet HTML 8Page - Texas Instruments TLV5639C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TLV5639C, TLV5639I
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG
CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
SLAS189 – MARCH 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, Vref = 2.048 V,
Vref = 1.024 V (unless otherwise noted)
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REF
Fast
2.3
2.8
mA
VDD =5V
on
Slow
1.3
1.6
mA
VDD = 5 V
REF
Fast
1.9
2.4
mA
IDD
Power supply current
No load,
All inputs = AGND or VDD
off
Slow
0.9
1.2
mA
IDD
Power supply current
All inputs = AGND or VDD,
DAC latch = 0x800
REF
Fast
2.1
2.6
mA
VDD =3V
on
Slow
1.2
1.5
mA
VDD = 3 V
REF
Fast
1.8
2.3
mA
off
Slow
0.9
1.1
mA
Power down supply current
0.01
1
µA
PSRR
Power supply rejection ratio
Zero scale, See Note 2, External reference
–60
dB
PSRR
Power supply rejection ratio
Full scale,
See Note 3, External reference
–60
dB
NOTES:
2. Power supply rejection ratio at zero scale is measured by varying VDD and is given by:
PSRR = 20 log [(EZS(VDDmax) – EZS(VDDmin))/VDDmax]
3. Power supply rejection ratio at full scale is measured by varying VDD and is given by:
PSRR = 20 log [(EG(VDDmax) – EG(VDDmin))/VDDmax]
static DAC specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
12
bits
INL
Integral nonlinearity, end point adjusted
RL = 10 kΩ, CL = 100 pF, See Note 4
±1.2
±3
LSB
DNL
Differential nonlinearity
RL = 10 kΩ, CL = 100 pF, See Note 5
±0.3
±0.5
LSB
EZS
Zero-scale error (offset error at zero scale)
See Note 6
±12
LSB
EZS TC
Zero-scale-error temperature coefficient
See Note 7
20
ppm/
°C
EG
Gain error
See Note 8
±0.3
% full
scale V
EG TC
Gain error temperature coefficient
See Note 9
20
ppm/
°C
NOTES:
4. The relative accuracy or integral nonlinearity (INL) sometimes referred to as linearity error, is the maximum deviation of the output
from the line between zero and full scale excluding the effects of zero code and full-scale errors (see text).
5. The differential nonlinearity (DNL) sometimes referred to as differential error, is the difference between the measured and ideal 1
LSB amplitude change of any two adjacent codes. Monotonic means the output voltage changes in the same direction (or remains
constant) as a change in the digital input code.
6. Zero-scale error is the deviation from zero voltage output when the digital input code is zero (see text).
7. Zero-scale-error temperature coefficient is given by: EZS TC = [EZS (Tmax) – EZS (Tmin)]/2Vref × 106/(Tmax – Tmin).
8. Gain error is the deviation from the ideal output (2Vref – 1 LSB) with an output load of 10 k excluding the effects of the zero-error.
9. Gain temperature coefficient is given by: EG TC = [EG(Tmax) – EG (Tmin)]/2Vref × 106/(Tmax – Tmin).
output specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
RL = 10 kΩ
VDD–0.4
V
Output load regulation accuracy
VO = 4.096 V, 2.048 V RL = 2 kΩ
±0.29
% full
scale V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TLV5633C 2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5636 2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5638 2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5624 2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5626 2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5637 2.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5616C 2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5631 8-CHANNEL 12-/10-/8-BIT 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE 1  2  3  4  5  More Texas Instruments
TLV5606 2.7 V TO 5.5 V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5623C 2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn