Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV5638D Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV5638D
Description  2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5638D Datasheet(HTML) 3 Page - Texas Instruments

  TLV5638D Datasheet HTML 1Page - Texas Instruments TLV5638D Datasheet HTML 2Page - Texas Instruments TLV5638D Datasheet HTML 3Page - Texas Instruments TLV5638D Datasheet HTML 4Page - Texas Instruments TLV5638D Datasheet HTML 5Page - Texas Instruments TLV5638D Datasheet HTML 6Page - Texas Instruments TLV5638D Datasheet HTML 7Page - Texas Instruments TLV5638D Datasheet HTML 8Page - Texas Instruments TLV5638D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TLV5638
2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG
CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
SLAS225A – JUNE 1999 – REVISED JANUARY 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage (VDD to AGND)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference input voltage range
–0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
–0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLV5638C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLV5638I
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLV5638Q
–40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLV5638M
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
A
POWER RATING
ABOVE TA = 25°C‡
A
POWER RATING
A
POWER RATING
A
POWER RATING
D
635 mW
5.08 mW/
°C
407 mW
330 mW
127 mW
FK
1375 mW
11.00 mW/
°C
880 mW
715 mW
275 mW
JG
1050 mW
8.40 mW/
°C
672 mW
546 mW
210 mW
‡ This is the inverse of the traditional Junction-to-Ambient thermal Resistance (R
ΘJA). Thermal Resistances are not production tested and are for
informational purposes only.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage VDD
VDD = 5 V
4.5
5
5.5
V
Supply voltage, VDD
VDD = 3 V
2.7
3
3.3
V
Power on reset, POR
*0.55
*2
V
High-level digital input voltage, VIH
VDD = 2.7 V to 5.5 V
2
V
Low-level digital input voltage, VIL
VDD = 2.7 V to 5.5 V
0.8
V
Reference voltage, Vref to REF terminal
VDD = 5 V (see Note 1)
AGND
2.048
VDD –1.5
V
Reference voltage, Vref to REF terminal
VDD = 3 V (see Note 1)
AGND
1.024
VDD – 1.5
V
Load resistance, RL
2
k
Load capacitance, CL
100
pF
Clock frequency, fCLK
20
MHz
TLV5638C
0
70
Operating free air temperature TA
TLV5638I
–40
85
°C
Operating free-air temperature, TA
TLV5638Q
–40
125
°C
TLV5638M
–55
125
*This parameter is not tested for Q and M suffix devices.
NOTE 1: Due to the x2 output buffer, a reference input voltage
≥ (VDD–0.4 V)/2 causes clipping of the transfer function. The output buffer of the
internal reference must be disabled, if an external reference is used.


Similar Part No. - TLV5638D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5638 TI1-TLV5638 Datasheet
906Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638-EP TI-TLV5638-EP Datasheet
626Kb / 20P
[Old version datasheet]   Controlled Baseline One Assembly/Test Site, One Fabrication Site
TLV5638-EP TI1-TLV5638-EP Datasheet
906Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638-EP TI1-TLV5638-EP Datasheet
861Kb / 21P
[Old version datasheet]   2.7-V TO 5.5V LOW-POWER DUAL 12 BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638-EP TI-TLV5638-EP_15 Datasheet
630Kb / 21P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFENCE AND POWER DOWN
More results

Similar Description - TLV5638D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5638 TI1-TLV5638_16 Datasheet
906Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI1-TLV5638_12 Datasheet
679Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI-TLV5638_15 Datasheet
636Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636 TI-TLV5636 Datasheet
260Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636 TI-TLV5636_15 Datasheet
654Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636CD TI-TLV5636CD Datasheet
633Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626CDR TI-TLV5626CDR Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637 TI-TLV5637 Datasheet
240Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626IDG4 TI-TLV5626IDG4 Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626 TI-TLV5626 Datasheet
226Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com