Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLV5636 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part No. TLV5636
Description  2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5636 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV5636 Datasheet HTML 3Page - Texas Instruments TLV5636 Datasheet HTML 4Page - Texas Instruments TLV5636 Datasheet HTML 5Page - Texas Instruments TLV5636 Datasheet HTML 6Page - Texas Instruments TLV5636 Datasheet HTML 7Page - Texas Instruments TLV5636 Datasheet HTML 8Page - Texas Instruments TLV5636 Datasheet HTML 9Page - Texas Instruments TLV5636 Datasheet HTML 10Page - Texas Instruments TLV5636 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TLV5636
2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG
CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
SLAS223 – JUNE 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
2.0685
2.0675
2.067
2.066
0
0.5
1
1.5
2
2.5
3
2.07
2.0705
Source Current – mA
OUTPUT VOLTAGE
vs
LOAD CURRENT
2.071
3.5
4
2.0695
2.0698
2.068
2.0665
Slow
Fast
VDD = 3 V, REF = Int. 1 V, Input Code = 4095
Figure 2
VDD = 5 V, REF = Int. 2 V, Input Code = 4095
4.132
4.131
4.13
4.129
0
0.5
1
1.5
2
2.5
3
4.133
4.134
Source Current – mA
OUTPUT VOLTAGE
vs
LOAD CURRENT
4.135
3.5
4
Slow
Fast
Figure 3
Figure 4
VDD = 3 V, REF = Int. 1 V,
Input Code = 0
Slow
Fast
1.5
1
0.5
0
0
0.5
1
1.5
2
2.5
3
2
2.5
Sink Current – mA
OUTPUT VOLTAGE
vs
LOAD CURRENT
3
3.5
4
VDD = 5 V, REF = Int. 2 V,
Input Code = 0
Slow
Fast
3.5
2
1
0
0
0.5
1
1.5
2
2.5
3
4
4.5
Sink Current – mA
OUTPUT VOLTAGE
vs
LOAD CURRENT
5
3.5
4
3
2.5
1.5
0.5
Figure 5


Similar Part No. - TLV5636

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLV5636 TI-TLV5636 Datasheet
633Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636CD TI-TLV5636CD Datasheet
633Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636CDG4 TI-TLV5636CDG4 Datasheet
633Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636CDGK TI-TLV5636CDGK Datasheet
633Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636CDGKG4 TI-TLV5636CDGKG4 Datasheet
633Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results

Similar Description - TLV5636

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLV5636 TI-TLV5636_15 Datasheet
654Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5636CD TI-TLV5636CD Datasheet
633Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI1-TLV5638_16 Datasheet
906Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI-TLV5638 Datasheet
289Kb / 19P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI1-TLV5638_12 Datasheet
679Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI-TLV5638_15 Datasheet
636Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633 TI1-TLV5633 Datasheet
361Kb / 25P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633C TI-TLV5633C Datasheet
277Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5639C TI1-TLV5639C_16 Datasheet
905Kb / 25P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5639CDWR TI-TLV5639CDWR Datasheet
675Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz