Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHM2362PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # CHM2362PT
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHM2362PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  CHM2362PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHM2362PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHM2362PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CHM2362PT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
N-Channel Enhancement Mode Field Effect Transistor
VOLTAGE 60 Volts
CURRENT 3 Ampere
APPLICATION
FEATURE
* High density cell design for extremely low RDS(ON).
CONSTRUCTION
* N-Channel Enhancement
* Servo motor control.
* Power MOSFET gate drivers.
* Other switching applications.
2006-08
* Rugged and reliable.
* High saturation current capability.
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
CHM2362PT
Units
VDSS
Drain-Source Voltage
60
V
VGSS
Gate-Source Voltage
±20
V
ID
Maximum Drain Current - Continuous
A
- Pulsed
PD
Maximum Power Dissipation
1250
mW
TSTG
Storage Temperature Range
-55 to 150
°C
Thermal characteristics
R
θJA
Thermal Resistance, Junction-to-Ambient
100
3.0
°C/W
(Note 3)
Note : 1. Surface Mounted on FR4 Board , t <=10sec
2. Pulse Test , Pulse width <= 300us , Duty Cycle <= 2%
12.0
* Small flat package. (SC-59 )
TJ
Operating Temperature Range
-55 to 150
°C
3. Repetitive Rating , Pulse width linited by maximum junction temperature
(Note 1)
4. Guaranteed by design , not subject to production trsting
CIRCUIT
S
D
G
(1)
(2)
(3)
SC-59/SOT-346
(1)
(2)
(3)
Dimensions in millimeters
0.95
0.95
1.7~2.1
2.7~3.1
0.89~1.3
0.3~0.51
0.085~0.2
0~0.1
1.2~1.9
2.1~2.95
0.3~0.6
SC-59/SOT-346


Similar Part No. - CHM2362PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHM2304PT CHENMKO-CHM2304PT Datasheet
900Kb / 3P
   N-Channel Enhancement Mode Field Effect Transistor
CHM2305PT CHENMKO-CHM2305PT Datasheet
319Kb / 3P
   P-Channel Enhancement Mode Field Effect Transistor
CHM2307PT CHENMKO-CHM2307PT Datasheet
346Kb / 2P
   P-Channel Enhancement Mode Field Effect Transistor
CHM2308ESPT CHENMKO-CHM2308ESPT Datasheet
408Kb / 3P
   N-Channel Enhancement Mode Field Effect Transistor
CHM2310PT CHENMKO-CHM2310PT Datasheet
352Kb / 3P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - CHM2362PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com