Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLV5626 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. TLV5626
Description  2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TLV5626 Datasheet(HTML) 2 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TLV5626
2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG
CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
SLAS236 –JUNE 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
Serial
Interface
and
Control
8-Bit
DAC B
Latch
SCLK
DIN
CS
OUTA
Power-On
Reset
x2
8
2-Bit
Control
Latch
Power
and Speed
Control
2
Voltage
Bandgap
PGA With
Output Enable
8-Bit
DAC A
Latch
8
REF
AGND
VDD
2
8
8
OUTB
x2
Buffer
8
Terminal Functions
TERMINAL
I/O/P
DESCRIPTION
NAME
NO.
I/O/P
DESCRIPTION
AGND
5
P
Ground
CS
3
I
Chip select. Digital input active low, used to enable/disable inputs
DIN
1
I
Digital serial data input
OUTA
4
I
DAC A analog voltage output
OUTB
7
O
DAC B analog voltage output
REF
6
I/O
Analog reference voltage input/output
SCLK
2
I
Digital serial clock input
VDD
8
P
Positive power supply


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLV56382.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1 2 3 4 5 MoreTexas Instruments
TLV56242.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1 2 3 4 5 MoreTexas Instruments
TLV56372.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1 2 3 4 5 MoreTexas Instruments
TLV56362.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1 2 3 4 5 MoreTexas Instruments
TLV5639C2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN 1 2 3 4 5 MoreTexas Instruments
TLV5633C2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN 1 2 3 4 5 MoreTexas Instruments
TLV56318-CHANNEL 12-/10-/8-BIT 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE 1 2 3 4 5 MoreTexas Instruments
TLV5623C2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN 1 2 3 4 5 MoreTexas Instruments
TLV15622.7 V TO 5.5 V HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL CONVERTER WITH 4-INPUT DUAL S/H PARALLEL INTERFACE AND POWER DOWN 1 2 3 4 5 MoreTexas Instruments
TLV56088-CHANNEL 12-/10-/8-BIT 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn