Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLV5626 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. TLV5626
Description  2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5626 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV5626 Datasheet HTML 2Page - Texas Instruments TLV5626 Datasheet HTML 3Page - Texas Instruments TLV5626 Datasheet HTML 4Page - Texas Instruments TLV5626 Datasheet HTML 5Page - Texas Instruments TLV5626 Datasheet HTML 6Page - Texas Instruments TLV5626 Datasheet HTML 7Page - Texas Instruments TLV5626 Datasheet HTML 8Page - Texas Instruments TLV5626 Datasheet HTML 9Page - Texas Instruments TLV5626 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TLV5626
2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG
CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
SLAS236 –JUNE 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
digital input timing requirements
MIN
NOM
MAX
UNIT
tsu(CS–CK)
Setup time, CS low before first negative SCLK edge
10
ns
tsu(C16-CS)
Setup time, 16th negative SCLK edge (when D0 is sampled) before CS rising edge
10
ns
twH
SCLK pulse width high
25
ns
twL
SCLK pulse width low
25
ns
tsu(D)
Setup time, data ready before SCLK falling edge
10
ns
th(D)
Hold time, data held valid after SCLK falling edge
5
ns
PARAMETER MEASUREMENT INFORMATION
twL
SCLK
CS
DIN
D15
D14
D13
D12
D1
D0
X
X
1
X
2
3
4
5 15
16
X
twH
tsu(D) th(D)
tsu(CS-CK)
tsu(C16-CS)
Figure 1. Timing Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TLV5638 2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5624 2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5637 2.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5636 2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5639C 2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5633C 2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5631 8-CHANNEL 12-/10-/8-BIT 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE 1  2  3  4  5  More Texas Instruments
TLV5623C 2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV1562 2.7 V TO 5.5 V HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL CONVERTER WITH 4-INPUT DUAL S/H PARALLEL INTERFACE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5608 8-CHANNEL 12-/10-/8-BIT 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn