Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLV5624 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. TLV5624
Description  2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

TLV5624 Datasheet(HTML) 5 Page - Texas Instruments

  TLV5624 Datasheet HTML 1Page - Texas Instruments TLV5624 Datasheet HTML 2Page - Texas Instruments TLV5624 Datasheet HTML 3Page - Texas Instruments TLV5624 Datasheet HTML 4Page - Texas Instruments TLV5624 Datasheet HTML 5Page - Texas Instruments TLV5624 Datasheet HTML 6Page - Texas Instruments TLV5624 Datasheet HTML 7Page - Texas Instruments TLV5624 Datasheet HTML 8Page - Texas Instruments TLV5624 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TLV5624
2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG
CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
SLAS235 – JULY 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
(Continued)
reference pin configured as input (REF)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage
0
VDD–1.5
V
RI
Input resistance
10
M
CI
Input capacitance
5
pF
Reference input bandwidth
REF=0 2V
+1 024Vdc
Fast
1.3
MHz
Reference input bandwidth
REF = 0.2 Vpp + 1.024 V dc
Slow
525
kHz
Reference feedthrough
REF = 1 Vpp at 1 kHz + 1.024 V dc (see Note 10)
–80
dB
NOTE 10: Reference feedthrough is measured at the DAC output with an input code = 0x000.
digital inputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level digital input current
VI = VDD
1
µA
IIL
Low-level digital input current
VI = 0 V
–1
µA
Ci
Input capacitance
8
pF
analog output dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t (FS)
Output settling time full scale
RL = 10 kΩ,CL = 100 pF,
Fast
1
3
µs
ts(FS)
Output settling time, full scale
L
,
L
,
See Note 11
Slow
3.5
7
µs
t (CC)
Output settling time code to code
RL = 10 kΩ,CL = 100 pF,
Fast
0.5
1.5
µs
ts(CC)
Output settling time, code to code
L
,
L
,
See Note 12
Slow
1
2
µs
SR
Slew rate
RL = 10 kΩ,CL = 100 pF,
Fast
8
V/
µs
SR
Slew rate
L
,
L
,
See Note 13
Slow
1.5
V/
µs
Glitch energy
DIN = 0 to 1,
fCLK = 100 kHz,
CS = VDD
5
nV–S
SNR
Signal-to-noise ratio
53
57
S/(N+D)
Signal-to-noise + distortion
fs = 480 kSPS, fout = 1 kHz,
48
47
dB
THD
Total harmonic distortion
s
,
out
,
RL = 10 kΩ,CL = 100 pF
–50
–48
dB
Spurious free dynamic range
50
62
NOTES: 11. Settling time is the time for the output signal to remain within
±0.5 LSB of the final measured value for a digital input code change
of 0x020 to 0xFDFand 0xFDF to 0x020 respectively. Not tested, assured by design.
12. Settling time is the time for the output signal to remain within
± 0.5 LSB of the final measured value for a digital input code change
of one count. Not tested, assured by design.
13. Slew rate determines the time it takes for a change of the DAC output from 10% to 90% full-scale voltage.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn