Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ60120QPA28PK2 Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # SQ60120QPA28PK2
Description  Quarter-brick DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

SQ60120QPA28PK2 Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button SQ60120QPA28PK2 Datasheet HTML 4Page - SynQor Worldwide Headquarters SQ60120QPA28PK2 Datasheet HTML 5Page - SynQor Worldwide Headquarters SQ60120QPA28PK2 Datasheet HTML 6Page - SynQor Worldwide Headquarters SQ60120QPA28PK2 Datasheet HTML 7Page - SynQor Worldwide Headquarters SQ60120QPA28PK2 Datasheet HTML 8Page - SynQor Worldwide Headquarters SQ60120QPA28PK2 Datasheet HTML 9Page - SynQor Worldwide Headquarters SQ60120QPA28PK2 Datasheet HTML 10Page - SynQor Worldwide Headquarters SQ60120QPA28PK2 Datasheet HTML 11Page - SynQor Worldwide Headquarters SQ60120QPA28PK2 Datasheet HTML 12Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Product # SQ60120QPA28
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2SQ612J Rev. B
06/17/09
Page 9
Input:
Output:
Current:
Package:
36-75 V
12 V
28 A
Quarter-brick
Technical Specification
Applications Section
BASIC OPERATION AND FEATURES
With voltages dropping and currents rising, the economics of an
Intermediate Bus Architecture (IBA) are becoming more attractive,
especially in systems requiring multiple low voltages. IBA systems
separate the role of isolation and voltage scaling from regulation
and sensing. The BusQor series bus converter provides isolation
and a coarse voltage step down in one compact module, leaving
regulation to simpler, less expensive non-isolated converters.
In Figure A below, the BusQor module provides the isolation stage
of the IBA system. The isolated bus then distributes power to the
non-isolated buck regulators to generate the required voltage lev-
els at the point of load. In this case, the bucks are represented
with SynQor’s NiQor series of non-isolated dc-dc converters. In
many applications requiring multiple low voltage outputs, signifi-
cant savings can be achieved in board space and overall system
costs.
When designing an IBA system with bus converters, the designer
can select from a variety of bus voltages. While there is no univer-
sally ideal bus voltage, most designs employ one of the following:
12V, 9V, 7.5V, 5V, or 3.3V. Higher bus voltages can lead to
lower efficiency for the buck regulators but are more efficient for
the bus converter and provide lower board level distribution cur-
rent. Lower bus voltages offer the opposite trade offs.
SynQor’s SQ BusQor modules accept the full 48/60V telecom
bus voltage and have a narrow output voltage range compatible
with many non-isolated point of load converters. When used in
IBA systems, the output variation of the BusQor must be in accor-
dance with the input voltage range of the non-isolated converters
being employed.
3.3 V
2.5 V
48Vdc
42-53V
1.8 V
1.5 V
0.9 V
Loads
Typical User Board
48Vdc
Front
End
Figure A: Example of Intermediate Bus Architecture using
BusQor bus converter and NiQor non-isolated converters
CONTROLFEATURES
REMOTE ON/OFF (Pin 2
): The ON/OFF input, Pin 2, permits
the user to control when the converter is on or off. This input is
referenced to the return terminal of the input bus, Vin(-). There are
two versions of the converter that differ by the sense of the logic
used for the ON/OFF input.
In the positive logic version, the ON/OFF input is active high
(meaning that a high turns the converter on). In the negative logic
version, the ON/OFF signal is active low (meaning that a low
turns the converter on). Figure B is a detailed look of the internal
ON/OFF circuitry.
Vin+
+5V
5V
124k
On/Off
49.9k
TTL
100k
Vin-
Figure B: Internal ON/OFF pin circuitry
PROTECTIONFEATURES
Input Under-Voltage Lockout
: The converter is designed
to turn off when the input voltage is too low, helping avoid an
input system instability problem, described in more detail in the
application note titled “Input System Instability” available on the
SynQor website. The lockout circuitry is a comparator with DC
12Vdc
BusQor
Converter
hysteresis. When the input voltage is rising, it must exceed the
typical Turn-On Voltage Threshold value (listed on the specifica-
tion page) before the converter will turn on. Once the converter is
on, the input voltage must fall below the typical Turn-Off Voltage
Threshold value before the converter will turn off. Also see
Figure E.
NiQor
Converters
Output Current Limit
: The output of the BusQor module is
electronically protected against output overloads. When an
overload current greater than the “DC Current-Limit Inception”
specification is drawn from the output, the output of the BusQor
will shutdown to zero volts after the 1 ms have elapsed (see
Figure C). The shutdown period lasts for a typical period of 200
ms (Figure D) after which the BusQor tries to power up again.
If the overload persists, the output voltage will go through
Applications Section


Similar Part No. - SQ60120QPA28PK2

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120QPB33 SYNQOR-SQ60120QPB33 Datasheet
1Mb / 14P
   High efficiency, 94.3% at full rated load current
SQ60120QPB33xyz-G SYNQOR-SQ60120QPB33xyz-G Datasheet
1Mb / 14P
   High efficiency, 94.3% at full rated load current
More results

Similar Description - SQ60120QPA28PK2

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com