Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ60120QPA28NNS Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # SQ60120QPA28NNS
Description  Quarter-brick DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

SQ60120QPA28NNS Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button SQ60120QPA28NNS Datasheet HTML 4Page - SynQor Worldwide Headquarters SQ60120QPA28NNS Datasheet HTML 5Page - SynQor Worldwide Headquarters SQ60120QPA28NNS Datasheet HTML 6Page - SynQor Worldwide Headquarters SQ60120QPA28NNS Datasheet HTML 7Page - SynQor Worldwide Headquarters SQ60120QPA28NNS Datasheet HTML 8Page - SynQor Worldwide Headquarters SQ60120QPA28NNS Datasheet HTML 9Page - SynQor Worldwide Headquarters SQ60120QPA28NNS Datasheet HTML 10Page - SynQor Worldwide Headquarters SQ60120QPA28NNS Datasheet HTML 11Page - SynQor Worldwide Headquarters SQ60120QPA28NNS Datasheet HTML 12Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Product # SQ60120QPA28
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2SQ612J Rev. B
06/17/09
Page 11
Input:
Output:
Current:
Package:
36-75 V
12 V
28 A
Quarter-brick
Technical Specification
Over-Temperature Shutdown
: A temperature sensor on the
converter sensesthe average temperature of themodule. The ther-
mal shutdown circuit is designed to turn the converter off when the
temperature at the sensed location reaches the Over-Temperature
Shutdown value. It will allow the converter to turn on again when
the temperature of the sensed location falls by the amount of the
Over-TemperatureShutdownRestartHysteresisvalue.
Vin
UVLO
On/Off
(N logic)
OFF
ON
t0
Vout
12V
200 ms
12 ms
Figure E: Power Up/Down Diagram (not to scale) showing
Start-Up Inhibit Period.
APPLICATION CONSIDERATIONS
Start-Up Inhibit Period
: Figure E details the Start-Up Inhibit
Period for the BusQor modulewhen Vin is applied with the On/
Off pin asserted (enabled). Before time t1, when the input voltage
is below the UVL threshold, the unit is disabled by the Input Under-
Voltage Lockout feature. When the input voltage rises above the
UVL threshold, the Input Under-Voltage Lockout is released, and a
typical Startup Inhibit Period of 8 ms from a Vin start-up. Once
the module recognizes it should be on it waits an additional 4 ms
before it starts. When starting from an on/off event the module
has an inhibit time of 200 ms like our standard products. The
output builds up to 90% or higher of the nominal voltage and
stabilizes to its nominal output voltage in a total time of 8 ms
typical. The the module has a Vout rise time of 4 ms typically.
At time t2, when the On/Off pin is de-asserted (disabled), the
BusQor module stops switching immediately. Fall time from 12 V to 0
V is dependent on output capacitance load current, and any parasitic
trace inductance in the output load circuit.
t
t1
t2
t3
At time t3, when the On/Off pin is re-asserted (enabled), the
BusQor module output begins to build up after the inhibit period
of 200 ms typical.
Refer to the Control Features section of the data sheet for details on
enabling and disabling methods for N and P logic type modules.
Time
208 ms


Similar Part No. - SQ60120QPA28NNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120QPB33 SYNQOR-SQ60120QPB33 Datasheet
1Mb / 14P
   High efficiency, 94.3% at full rated load current
SQ60120QPB33xyz-G SYNQOR-SQ60120QPB33xyz-G Datasheet
1Mb / 14P
   High efficiency, 94.3% at full rated load current
More results

Similar Description - SQ60120QPA28NNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com