Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ60120QPA28 Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # SQ60120QPA28
Description  Quarter-brick DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

SQ60120QPA28 Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  SQ60120QPA28 Datasheet HTML 1Page - SynQor Worldwide Headquarters SQ60120QPA28 Datasheet HTML 2Page - SynQor Worldwide Headquarters SQ60120QPA28 Datasheet HTML 3Page - SynQor Worldwide Headquarters SQ60120QPA28 Datasheet HTML 4Page - SynQor Worldwide Headquarters SQ60120QPA28 Datasheet HTML 5Page - SynQor Worldwide Headquarters SQ60120QPA28 Datasheet HTML 6Page - SynQor Worldwide Headquarters SQ60120QPA28 Datasheet HTML 7Page - SynQor Worldwide Headquarters SQ60120QPA28 Datasheet HTML 8Page - SynQor Worldwide Headquarters SQ60120QPA28 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Product # SQ60120QPA28
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2SQ612J Rev. B
06/17/09
Page 4
Input:
Output:
Current:
Package:
36-75 V
12 V
28 A
Quarter-brick
Technical Specification
Parameter P
Min.
Typ.
Max.
Units Notes & Conditions
FEATURE CHARACTERISTICS
SwitchingFrequency
260
300
340
kHz
ON/OFFControl(OptionP)
FigureB
Off-StateVoltage
-1.0
0.8
V
On-StateVoltage
2.4
18
V
ON/OFFControl(OptionN)
FigureB
Off-StateVoltage
2.4
18
V
On-StateVoltage
-1.0
0.8
V
OutputOver-VoltageProtection
16
V
Overfulltemprange;noload
Over-TemperatureShutdown
140
150
°C
AveragePCBTemperature
Over-TemperatureShutdownRestartHysteresis
10
°C
RELIABILITY CHARACTERISTICS
CalculatedMTBF(Telcordia)
2.6
106 Hrs. TR-NWT-000332;80%load,300LFM,40oC Ta
CalculatedMTBF(MIL-217)
2.1
106 Hrs. MIL-HDBK-217F;80%load,300LFM,40oC Ta
FieldDemonstratedMTBF
106 Hrs. See our website for details
Standards Compliance and Qualification Testing
Parameter P
Notes
STANDARDS COMPLIANCE
UL/cUL60950-1
File#E194341,Basicinsulation&pollutiondegree2
EN60950-1
CertifiedbyTUV
72/23/EEC
93/68/EEC
NeedleFlameTest(IEC695-2-2)
Testonentireassembly;board&plasticcomponentsUL94V-0compliant
IEC61000-4-2
ESDtest,8kV-NP,15kVair-NP(NormalPerformance)
GR-1089-CORE
Section7-electricalsafety,Section9-bonding/grounding
•An external input fuse must always be used to meet these safety requirements. Contact SynQor for official safety
certificates on new releases or download from the SynQor website.
Parameter P
# Units
Test Conditions
QUALIFICATION TESTING
LifeTest
32
95%ratedVin and load, units at derating point, 1000 hours
Vibration
5
10-55Hzsweep,0.060”totalexcursion,1min./sweep,120sweepsfor3axis
MechanicalShock
5
100gminimum,2dropsinxandyaxis,1dropinzaxis
TemperatureCycling
10
-40°Cto100°C,unittemp.ramp15°C/min.,500cycles
Power/ThermalCycling
5
Toperating=mintomax,Vin=mintomax,fullload,100cycles
DesignMarginality
5
Tmin-10°C to Tmax+10°C,5°Csteps,Vin=mintomax,0-105%load
Humidity
5
85°C,85%RH,1000hours,2minutesonand6hoursoff
Solderability
15pins
MIL-STD-883,method2003andJESD22-B102D
•ExtensivecharacterizationtestingofallSynQorproductsandmanufacturingprocessesisperformedtoensurethatwe
supply robust, reliable product. Contact the factory for official product family qualification documents.
ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - SQ60120QPA28

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120QPB33 SYNQOR-SQ60120QPB33 Datasheet
1Mb / 14P
   High efficiency, 94.3% at full rated load current
SQ60120QPB33xyz-G SYNQOR-SQ60120QPB33xyz-G Datasheet
1Mb / 14P
   High efficiency, 94.3% at full rated load current
More results

Similar Description - SQ60120QPA28

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com