Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLV5613 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. TLV5613
Description  2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TLV5613 Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TLV5613
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER
WITH POWER DOWN
SLAS174A – DECEMBER 1997 – REVISED JULY 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, supply
voltages, and reference voltages (unless otherwise noted)
reference input (REFIN)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vref
Input voltage reference
See Note 10
0
AVDD– 1.5
V
Ri
Input resistance
10
M
Ci
Input capacitance
5
pF
Reference input bandwidth
REF=0 2Vpp +1 024Vdc
Fast mode
1.6
MHz
Reference in ut bandwidth
REF = 0.2 Vpp + 1.024 V dc
Slow mode
1
MHz
Reference feed through
REF = 1 Vpp at 1 kHz + 1.024 V dc,
See Note 10
–60
dB
NOTES: 10. Reference feedthrough is measured at the DAC output with an input code = 0x000.
digital inputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level digital input current
VI = DVDD
1
µA
IIL
Low-level digital input current
VI = 0 V
–1
µA
Ci
Input capacitance
8
pF
operating characteristics over recommended operating free-air temperature range, supply
voltages, and reference voltages (unless otherwise noted)
analog output dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t (FS)
Output settling time full scale
RL = 10 kΩ,
See Note 11
Fast
1
3
µs
ts(FS)
Output settling time, full scale
L
,
CL = 100 pF,
Slow
3.5
7
µs
t (CC)
Output settling time code to code
RL = 10 kΩ,
See Note 12
Fast
0.5
1.5
µs
ts(CC)
Output settling time, code-to-code
L
,
CL = 100 pF,
Slow
1
2
µs
SR
Slew rate
RL = 10 kΩ,
See Note 13
Fast
8
V/
µs
SR
Slew rate
L
,
CL = 100 pF,
Slow
1.5
V/
µs
Glitch energy
Code-to-code transition
1
nV–s
S/N
Signal-to-noise
65
78
S/(N+D)
Signal-to-noise + distortion
fs = 480 KSPS, fout = 1 kHz,
58
69
dB
THD
Total harmonic distortion
s
,
out
,
RL = 10 k,
CL = 100 pF
–68
–60
dB
Spurious free dynamic range
60
72
NOTES: 11. Settling time is the time for the output signal to remain within
±0.5 LSB of the final measured value for a digital input code change
of 0x020 to 0x3FF or 0x3FF to 0x020.
12. Settling time is the time for the output signal to remain within
± 0.5 LSB of the final measured value for a digital input code change
of one count. The max time applies to code changes near zero scale or full scale.
13. Slew rate determines the time it takes for a change of the DAC output from 10% to 90% full-scale voltage.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLV56192.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN 1 2 3 4 5 MoreTexas Instruments
TLV56362.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1 2 3 4 5 MoreTexas Instruments
TLV56382.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1 2 3 4 5 MoreTexas Instruments
TLV5616C2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN 1 2 3 4 5 MoreTexas Instruments
TLV5633C2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN 1 2 3 4 5 MoreTexas Instruments
TLV5639C2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN 1 2 3 4 5 MoreTexas Instruments
TLV56242.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1 2 3 4 5 MoreTexas Instruments
TLV56262.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1 2 3 4 5 MoreTexas Instruments
TLV56372.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1 2 3 4 5 MoreTexas Instruments
TLV15622.7 V TO 5.5 V HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL CONVERTER WITH 4-INPUT DUAL S/H PARALLEL INTERFACE AND POWER DOWN 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn