Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHFMG5PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHFMG5PT
Description  NPN Digital Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHFMG5PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHFMG5PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHFMG5PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHFMG5PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CHARACTERISTICS
Tamb = 25 °C unless otherwise speciÞed.
Note
1.Pulse test: tp
≤300uS; δ≤0.02.
RATING CHARACTERISTIC ( CHFMG5PT)
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VIoff)
Input off voltage
IO=100uA; VCC=5.0V
0.3
V
VI(on)
Input on voltage
IO=1mA; VO=0.3V
1.4
V
V
VO(on)
Output voltage
IO=5mA; II=0.25mA
0.3
0.1
II
Input current
VI=5V
0.88
mA
IC(off)
Output current
R1
Input resistor
VI=0V; VCC=50V
hFE
DC current gain
IO=5mA; VO=5.0V
0.5
68
13
7.0
K
R2/R1
Resistor ratio
3.7
5.7
10
4.7
uA
f T
Transition frequency
IE=-5mA, VCE=10.0V
f =100MHz
250
MHz


Similar Part No. - CHFMG5PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHFMG11PT CHENMKO-CHFMG11PT Datasheet
127Kb / 3P
   Dual Digital Silicon Transistor
CHFMG1PT CHENMKO-CHFMG1PT Datasheet
84Kb / 3P
   NPN Digital Silicon Transistor
CHFMG2PT CHENMKO-CHFMG2PT Datasheet
85Kb / 3P
   Dual Digital Silicon Transistor
CHFMG3PT CHENMKO-CHFMG3PT Datasheet
100Kb / 3P
   NPN Digital Silicon Transistor
CHFMG4PT CHENMKO-CHFMG4PT Datasheet
151Kb / 3P
   Dual Digital Silicon Transistor
More results

Similar Description - CHFMG5PT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR135 INFINEON-BCR135 Datasheet
490Kb / 10P
   NPN Silicon Digital Transistor
May-17-2004
BCR503 INFINEON-BCR503 Datasheet
43Kb / 4P
   NPN Silicon Digital Transistor
Jun-29-2001
BCR523 INFINEON-BCR523 Datasheet
114Kb / 4P
   NPN Silicon Digital Transistor
Dec-13-2001
BCR108TE6327 INFINEON-BCR108TE6327 Datasheet
216Kb / 9P
   NPN Silicon Digital Transistor
Aug-29-2003
BCR133 INFINEON-BCR133 Datasheet
490Kb / 10P
   NPN Silicon Digital Transistor
Jun-14-2004
logo
Chenmko Enterprise Co. ...
CHUMG8PT CHENMKO-CHUMG8PT Datasheet
135Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144TKPT CHENMKO-CHDTC144TKPT Datasheet
75Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144TMPT CHENMKO-CHDTC144TMPT Datasheet
90Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144WKPT CHENMKO-CHDTC144WKPT Datasheet
100Kb / 3P
   NPN Digital Silicon Transistor
CHDTC363EKPT CHENMKO-CHDTC363EKPT Datasheet
134Kb / 3P
   NPN Digital Silicon Transistor
CHDTC614TKPT CHENMKO-CHDTC614TKPT Datasheet
75Kb / 3P
   NPN Digital Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com