Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHEMG2PT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # CHEMG2PT
Description  Dual Digital Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHEMG2PT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  CHEMG2PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHEMG2PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHEMG2PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING CHARACTERISTIC CURVES ( CHEMG2PT )
Typical Electrical Characteristics
OUTPUT CURRENT : IO
(A)
100 200
500 1m
2m
5m 10m 20m 50m100m
1k
500
200
100
50
20
10
5
2
1
VO 5V
=
Fig.3 DC current gain vs. output
current
OUTPUT CURRENT : IO
(A)
100
200
500 1m
2m
5m 10m 20m
50m 100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lO/lI 20
Ta=
=
100 C
25 C
-40 C
Fig.4 Output voltage vs. output
current
OUTPUT CURRENT : IO
(A)
100
200
500 1m
2m
5m 10m 20m
50m 100m
100
50
20
10
5
2
1
500m
200m
100m
VO=
=
0.3V
Ta
40
O
O
O
C
25 C
100 C
Fig.1 Input voltage vs. output current
(ON characteristics)
INPUT VOLTAGE : VI(off)
(V)
0
3.0
10m
1
2m
5m
1m
200
500
100
20
50
10
2
5
0.5
1.0
1.5
2.0
2.5
VCC=5V
Ta 100 C
25 C
-40 C
Fig.2 Output current vs. input voltage
(OFF characteristics)
O
O
O
O
O
O
=-
=
Ta=100 C
25 C
-40 C
O
O
O


Similar Part No. - CHEMG2PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHEMG11PT CHENMKO-CHEMG11PT Datasheet
129Kb / 3P
   Dual Digital Silicon Transistor
CHEMG1PT CHENMKO-CHEMG1PT Datasheet
86Kb / 3P
   NPN Digital Silicon Transistor
CHEMG3PT CHENMKO-CHEMG3PT Datasheet
103Kb / 3P
   NPN Digital Silicon Transistor
CHEMG4PT CHENMKO-CHEMG4PT Datasheet
153Kb / 3P
   Dual Digital Silicon Transistor
CHEMG5PT CHENMKO-CHEMG5PT Datasheet
86Kb / 3P
   NPN Digital Silicon Transistor
More results

Similar Description - CHEMG2PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHUMH14PT CHENMKO-CHUMH14PT Datasheet
108Kb / 3P
   Dual Digital Silicon Transistor
CHEMA3PT CHENMKO-CHEMA3PT Datasheet
125Kb / 3P
   Dual Digital Silicon Transistor
CHEMA4PT CHENMKO-CHEMA4PT Datasheet
111Kb / 3P
   Dual Digital Silicon Transistor
CHEMA6PT CHENMKO-CHEMA6PT Datasheet
110Kb / 3P
   Dual Digital Silicon Transistor
CHEMA11PT CHENMKO-CHEMA11PT Datasheet
122Kb / 3P
   Dual Digital Silicon Transistor
CHEMB6PT CHENMKO-CHEMB6PT Datasheet
97Kb / 3P
   Dual Digital Silicon Transistor
CHEMD12PT CHENMKO-CHEMD12PT Datasheet
117Kb / 4P
   Dual Digital Silicon Transistor
CHEMD22PT CHENMKO-CHEMD22PT Datasheet
187Kb / 4P
   Dual Digital Silicon Transistor
CHEMG9PT CHENMKO-CHEMG9PT Datasheet
93Kb / 3P
   Dual Digital Silicon Transistor
CHEMG11PT CHENMKO-CHEMG11PT Datasheet
129Kb / 3P
   Dual Digital Silicon Transistor
CHIMB3PT CHENMKO-CHIMB3PT Datasheet
119Kb / 3P
   Dual Digital Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com