Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS204-M Datasheet(PDF) 3 Page - Emerson Network Power

Part # LPS204-M
Description  Medical and ITE safeties
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS204-M Datasheet(HTML) 3 Page - Emerson Network Power

  LPS204-M Datasheet HTML 1Page - Emerson Network Power LPS204-M Datasheet HTML 2Page - Emerson Network Power LPS204-M Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev. 4.30.09_#98
LPS200-M Series
3 of 3
Embedded Power for
Business-Critical Continuity
MechanicalDrawing
1.32
(33.6)
5.00
(127.0)
3.00
(76.2)
2.55
(64.8)
0.15 Dia.
(4)
4 Places
4.55
(115.6)
2
1
SK2
SK3
SK3
VR1
Output Voltage
Adjust Pot
0.197” (5.0)
Minimum
Standoff Height
5
1
10
MH1
MH2
3
1
SK1
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
Waterfront Business Park
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.PowerConversion.com
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
informationorforanyerrorsoromissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksand
servicemarksofEmersonElectricCo.
©2009EmersonElectricCo.
EmersonNetworkPower.com
EmbeddedComputing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
PrecisionCooling
Racks&IntegratedCabinets
Services
SurgeProtection
Emerson Network Power.
Thegloballeaderinenabling
business-criticalcontinuity.
ACPower
Connectivity
DCPower


Similar Part No. - LPS204-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS204-M EMERSON-NETWORKPOWER-LPS204-M Datasheet
757Kb / 3P
   Medical and ITE safeties
LPS204-M EMERSON-NETWORKPOWER-LPS204-M Datasheet
517Kb / 3P
   Medical and ITE safeties
LPS204-M EMERSON-NETWORKPOWER-LPS204-M Datasheet
517Kb / 3P
   250 Watts Medical and ITE safeties
logo
Artesyn Technologies
LPS204-M ARTESYN-LPS204-M Datasheet
725Kb / 3P
   Total Power: 125 - 250 Watts
logo
Advanced Energy Industr...
LPS204-M ADVANCEDENERGY-LPS204-M Datasheet
709Kb / 6P
   250 Watts
04.24.22
More results

Similar Description - LPS204-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS200-M EMERSON-NETWORKPOWER-LPS200-M Datasheet
757Kb / 3P
   Medical and ITE safeties
logo
Artesyn Technologies
DA12-M ARTESYN-DA12-M Datasheet
2Mb / 6P
   Medical and ITE Safeties
logo
Emerson Network Power
DA12-M EMERSON-NETWORKPOWER-DA12-M_09 Datasheet
603Kb / 4P
   Medical and ITE Safeties
LPS100-M EMERSON-NETWORKPOWER-LPS100-M Datasheet
618Kb / 3P
   Medical and ITE safeties
LPS202-M EMERSON-NETWORKPOWER-LPS202-M Datasheet
517Kb / 3P
   Medical and ITE safeties
logo
Artesyn Technologies
DP40 ARTESYN-DP40 Datasheet
516Kb / 2P
   Medical and ITE safeties
logo
Emerson Network Power
DA12-M EMERSON-NETWORKPOWER-DA12-M Datasheet
692Kb / 4P
   Medical and ITE Safeties
logo
Artesyn Technologies
LPQ200-M ARTESYN-LPQ200-M Datasheet
1Mb / 3P
   Medical and ITE safeties
logo
Emerson Network Power
LPS100-M EMERSON-NETWORKPOWER-LPS100-M_09 Datasheet
643Kb / 3P
   150 Watts Medical and ITE safeties
LPS200-M_0907 EMERSON-NETWORKPOWER-LPS200-M_0907 Datasheet
517Kb / 3P
   250 Watts Medical and ITE safeties
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com