Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHDTA143ZKPT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # CHDTA143ZKPT
Description  PNP Digital Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHDTA143ZKPT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  CHDTA143ZKPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHDTA143ZKPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHDTA143ZKPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING CHARACTERISTIC CURVES ( CHDTA143ZKPT )
Typical Electrical Characteristics
Fig.3 DC current gain vs. output
current
Fig.4 Output voltage vs. output
current
Fig.1 Input voltage vs. output current
(ON characteristics)
Fig.2 Output current vs. input voltage
(OFF characteristics)
OUTPUT CURRENT : IO
(A)
INPUT VOLTAGE : VI(off)
(V)
OUTPUT CURRENT : IO
(A)
OUTPUT CURRENT : IO
(A)
−200m
−100m
−100µ−1m
−10m
−100m
−200µ−2m
−20m
−500µ−5m
−50m
VO
=−0.3V
−100
−50
−20
−10
−5
−2
−1
−500m
25
°C
100
°C
Ta
=−40°C
VCC
=−5V
0
−3.0
−10m
−1µ
−2m
−5m
−1m
−200µ
−500µ
−100µ
−20µ
−50µ
−10µ
−2µ
−5µ
−0.5
−1.0
−1.5
−2.0
−2.5
Ta
=100°C
25
°C
−40°C
VO
=−5V
−100µ−1m
−10m
−100m
−200µ−2m
−20m
−500µ−5m
−50m
1k
500
200
100
50
20
10
5
2
1
Ta
=100°C
25
°C
−40°C
lO/lI
=20
−100µ−1m
−10m
−100m
−200µ−2m
−20m
−500µ−5m
−50m
−1
−500m
−200m
−100m
−10m
−50m
−5m
−20m
−2m
−1m
Ta
=100°C
25
°C
−40°C


Similar Part No. - CHDTA143ZKPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHDTA143ZEPT CHENMKO-CHDTA143ZEPT Datasheet
117Kb / 3P
   PNP Digital Silicon Transistor
CHDTA143ZMPT CHENMKO-CHDTA143ZMPT Datasheet
123Kb / 3P
   PNP Digital Silicon Transistor
CHDTA143ZUPT CHENMKO-CHDTA143ZUPT Datasheet
131Kb / 3P
   PNP Digital Silicon Transistor
More results

Similar Description - CHDTA143ZKPT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR555 INFINEON-BCR555_07 Datasheet
138Kb / 6P
   PNP Silicon Digital Transistor
2007-07-24
BCR158 INFINEON-BCR158 Datasheet
480Kb / 9P
   PNP Silicon Digital Transistor
May-18-2004
logo
Chenmko Enterprise Co. ...
CHDTA114EEPT CHENMKO-CHDTA114EEPT Datasheet
93Kb / 3P
   PNP Digital Silicon Transistor
CHDTA114GMPT CHENMKO-CHDTA114GMPT Datasheet
82Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114WUPT CHENMKO-CHDTA114WUPT Datasheet
67Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114GUPT CHENMKO-CHDTA114GUPT Datasheet
87Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114TEPT CHENMKO-CHDTA114TEPT Datasheet
115Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EEPT CHENMKO-CHDTA115EEPT Datasheet
94Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EMPT CHENMKO-CHDTA115EMPT Datasheet
88Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EUPT CHENMKO-CHDTA115EUPT Datasheet
96Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115GKPT CHENMKO-CHDTA115GKPT Datasheet
71Kb / 2P
   PNP Digital Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com