Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHDTA143XKPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHDTA143XKPT
Description  PNP Digital Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHDTA143XKPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHDTA143XKPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHDTA143XKPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHDTA143XKPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CHARACTERISTICS
Tamb = 25 °C unless otherwise speciÞed.
Note
1.Pulse test: tp
≤300uS; δ≤0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VIoff)
Input off voltage
IO=-100uA; VCC=-5.0V
V
VI(on)
Input on voltage
IO=-20mA; VO=-0.3V
V
V
VO(on)
Output voltage
IO=-10mA; II=-0.5mA
II
Input current
VI=-5V
-0.18
mA
IC(off)
Output current
R1
Input resistor
VI=0V; VCC=-50V
hFE
DC current gain
IO=-10mA; VO=-5.0V
-0.5
30
6.11
3.29
K
R2/R1
Resistor ratio
1.7
2.6
4.7
2.1
uA
f T
Transition frequency
IC=-5mA, VCE=-10.0V
f=100MHz
=
250
MHz
RATING CHARACTERISTIC ( CHDTA143XKPT )
-0.3
-0.1
-0.3
-2.5


Similar Part No. - CHDTA143XKPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHDTA143XEPT CHENMKO-CHDTA143XEPT Datasheet
121Kb / 3P
   PNP Digital Silicon Transistor
CHDTA143XMPT CHENMKO-CHDTA143XMPT Datasheet
119Kb / 3P
   PNP Digital Silicon Transistor
CHDTA143XUPT CHENMKO-CHDTA143XUPT Datasheet
133Kb / 3P
   PNP Digital Silicon Transistor
More results

Similar Description - CHDTA143XKPT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR555 INFINEON-BCR555_07 Datasheet
138Kb / 6P
   PNP Silicon Digital Transistor
2007-07-24
BCR158 INFINEON-BCR158 Datasheet
480Kb / 9P
   PNP Silicon Digital Transistor
May-18-2004
logo
Chenmko Enterprise Co. ...
CHDTA114EEPT CHENMKO-CHDTA114EEPT Datasheet
93Kb / 3P
   PNP Digital Silicon Transistor
CHDTA114GMPT CHENMKO-CHDTA114GMPT Datasheet
82Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114WUPT CHENMKO-CHDTA114WUPT Datasheet
67Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114GUPT CHENMKO-CHDTA114GUPT Datasheet
87Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114TEPT CHENMKO-CHDTA114TEPT Datasheet
115Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EEPT CHENMKO-CHDTA115EEPT Datasheet
94Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EMPT CHENMKO-CHDTA115EMPT Datasheet
88Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EUPT CHENMKO-CHDTA115EUPT Datasheet
96Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115GKPT CHENMKO-CHDTA115GKPT Datasheet
71Kb / 2P
   PNP Digital Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com