Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC637 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BC637
Description  High Current Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC637 Datasheet(HTML) 2 Page - Motorola, Inc

  BC637 Datasheet HTML 1Page - Motorola, Inc BC637 Datasheet HTML 2Page - Motorola, Inc BC637 Datasheet HTML 3Page - Motorola, Inc BC637 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC635 BC637 BC639
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS(1)
DC Current Gain
(IC = 5.0 mAdc, VCE = 2.0 Vdc)
(IC = 150 mAdc, VCE = 2.0 Vdc)
BC635
BC637
BC639
(IC = 500 mA, VCE = 2.0 V)
hFE
25
40
40
40
25
250
160
160
Collector – Emitter Saturation Voltage
(IC = 500 mAdc, IB = 50 mAdc)
VCE(sat)
0.5
Vdc
Base–Emitter On Voltage
(IC = 500 mAdc, VCE = 2.0 Vdc)
VBE(on)
1.0
Vdc
DYNAMIC CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = 50 mAdc, VCE = 2.0 Vdc, f = 100 MHz)
fT
200
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cob
7.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cib
50
pF
1. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle 2.0%.


Similar Part No. - BC637

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC637 PHILIPS-BC637 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 23
logo
Nanjing International G...
BC637 DGNJDZ-BC637 Datasheet
54Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
Siemens Semiconductor G...
BC637 SIEMENS-BC637 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
logo
Nanjing International G...
BC637 DGNJDZ-BC637 Datasheet
97Kb / 3P
   PNP Silicon Epitaxial Planar Transistor
logo
Fairchild Semiconductor
BC637 FAIRCHILD-BC637 Datasheet
55Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BC637

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC490 MOTOROLA-BC490 Datasheet
249Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC637 ONSEMI-BC637 Datasheet
66Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC636 ONSEMI-BC636 Datasheet
56Kb / 4P
   High Current Transistors
June, 2000 ??Rev. 1
BC637 ONSEMI-BC637_11 Datasheet
98Kb / 4P
   High Current Transistors
February, 2011 ??Rev. 1
logo
Motorola, Inc
BC636 MOTOROLA-BC636 Datasheet
116Kb / 4P
   High Current Transistors
logo
ON Semiconductor
BC490 ONSEMI-BC490_07 Datasheet
84Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
BC640-016G ONSEMI-BC640-016G Datasheet
94Kb / 4P
   High Current Transistors
June, 2011 ??Rev. 1
BC640 ONSEMI-BC640 Datasheet
65Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC490G ONSEMI-BC490G Datasheet
74Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
logo
Motorola, Inc
BC489 MOTOROLA-BC489 Datasheet
235Kb / 6P
   High Current Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com